công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STB0FS12A bảng dữ liệu(PDF) 12 Page - Seoul Semiconductor

tên linh kiện STB0FS12A
Giải thích chi tiết về linh kiện  STB0FS12A - Mid-Power LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEOUL [Seoul Semiconductor]
Trang chủ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A bảng dữ liệu(HTML) 12 Page - Seoul Semiconductor

Back Button STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor STB0FS12A Datasheet HTML 10Page - Seoul Semiconductor STB0FS12A Datasheet HTML 11Page - Seoul Semiconductor STB0FS12A Datasheet HTML 12Page - Seoul Semiconductor STB0FS12A Datasheet HTML 13Page - Seoul Semiconductor STB0FS12A Datasheet HTML 14Page - Seoul Semiconductor STB0FS12A Datasheet HTML 15Page - Seoul Semiconductor STB0FS12A Datasheet HTML 16Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
STB0FS12A - Mid-Power LED
12
Rev.00, March 1, 2014
Reflow Soldering Characteristics
Caution :
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (T
s_max to Tp)
3° C/second max.
3° C/second max.
Preheat
- Temperature Min (T
s_min)
- Temperature Max (T
s_max)
- Time (T
s_min to Ts_max) (ts)
100 °C
150 °C
60-120 seconds
150 °C
200 °C
60-180 seconds
Time maintained above:
- Temperature (T
L)
- Time (t
L)
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak Temperature (T
p)
215℃
260℃
Time within 5°C of actual Peak
Temperature (t
p)2
10-30 seconds
20-40 seconds
Ramp-down Rate
6 °C/second max.
6 °C/second max.
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
IPC/JEDEC J-STD-020
(1) Reflow soldering is recommended not to be done more than two times
In the case of more than 24 hours passed soldering after first, LEDs will be damaged.
(2) Repairs should not be done after the LEDs have been soldered
When repair is unavoidable, suitable tools must be used.
(3) Die slug is to be soldered.
(4) When soldering, do not put stress on the LEDs during heating.
(5) After soldering, do not warp the circuit board.
Table 4. Reflow Soldering Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com