công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT4805BWSC bảng dữ liệu(PDF) 15 Page - Richtek Technology Corporation

tên linh kiện RT4805BWSC
Giải thích chi tiết về linh kiện  Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805BWSC bảng dữ liệu(HTML) 15 Page - Richtek Technology Corporation

Back Button RT4805BWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
RT4805B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805B-01
April
2017
www.richtek.com
15
Register Table Lists [Slave address = 1110101 (0x75)]
Name
Address
Description
CONFIG
0x01
MODE control & Spread modulation control
VOUTFLOOR
0x02
Output voltage selection
VOUTROOF
0x03
Output voltage selection
ILIMSET
0x04
Set current limit & Soft-start current limit
STATUS
0x05
Read IC status
I
2C Interface
The RT4805B I2C slave address is 1110101 (7bits). The I2C interface supports fast mode (bit rate up to 400kb/s).
The write or read bit stream (N
 1) is shown below :
Driven by Master,
Driven by Slave (RT4805B),
Start,
Repeat Start
Stop,
S
Sr
P
Write N bytes
S
Slave Address
0
A
Register Address
A MSB
Data 1
LSB
A MSB
Data 2
LSB A
Data for Address = m + N - 1
Assume Address = m
Data for Address = m
Data for Address = m + 1
R/W
Read N bytes
R/W
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m+1
S
Slave Address
0
A
Register Address
Sr
A
Slave Address
1
A
A
MSB
Data 1
LSB
MSB
Data 2
LSB A
MSB
Data N
LSB A P
MSB
Data N
LSB A P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com