công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25AF25X bảng dữ liệu(PDF) 43 Page - Switchcraft, Inc.

tên linh kiện 25AF25X
Giải thích chi tiết về linh kiện  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SWITCH [Switchcraft, Inc.]
Trang chủ  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X bảng dữ liệu(HTML) 43 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 39Page - Switchcraft, Inc. 25AF25X Datasheet HTML 40Page - Switchcraft, Inc. 25AF25X Datasheet HTML 41Page - Switchcraft, Inc. 25AF25X Datasheet HTML 42Page - Switchcraft, Inc. 25AF25X Datasheet HTML 43Page - Switchcraft, Inc. 25AF25X Datasheet HTML 44Page - Switchcraft, Inc. 25AF25X Datasheet HTML 45Page - Switchcraft, Inc. 25AF25X Datasheet HTML 46Page - Switchcraft, Inc. 25AF25X Datasheet HTML 47Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
PATCHBAYS
42
Features and Benefits
• Combines 16 midsize video jacks
and 24 dual EZ Norm bantam jacks.
• Video jacks are rated from DC
to 3.0 GHZ.
• Rugged, attractive anodized aluminum
frame for increased reliability.
• All audio jacks utilize EZ Norm
technology for easy normal
reconfiguration. A simple twist
of the normal cam changes the
normal function from full, to half,
to no normals.
• Cable tie bar removes weight off
the rear terminations.
• Large designation strips for easy
patch point identification.
Video Jack Specifications
See page 39 for details
Audio Jack Specifications
See page 10 for details
Part Number: MVEZNPK175T
MVEZNPK175T
MVEZN Audio/Midsize Patchbay Series
The MVEZN Series combines our popular MVJ midsize video jacks with our latest
bantam jack, the EZ Norm. This patchbay has 16 video jacks and 24 dual EZ Norm
bantam jacks. Perfect for application where a full video and audio patchbay are
unnecessary. The video jacks are rated up to 3.0GHz, and the audio jacks meet
30,000 cycles, both in insertion/withdrawals and with the normal cam.
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More