| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS94215 bảng dữ liệu(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94215 bảng dữ liệu(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 18 page ![]() 3 ICS94215 0442C—07/03/02 General Description The ICS94215 is a main clock synthesizer chip for AMD-K7 based systems with VIA style chipset. This provides all clocks required for such a system. The ICS94215 belongs to ICS new generation of programmable system clock generators. It employs serial programming I 2C interface as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring output to output skew, changing spread spectrum amount, changing group divider ratio and dis/ enabling individual clocks. This device also has ICS propriety 'Watchdog Timer' technology which will reset the frequency to a safe setting if the system become unstable from over clocking. Mode Pin - Power Management Input Control 7 n i P , E D O M ) t u p n I d e h c t a L ( 2 n i P 0 # P O T S _ U P C ) t u p n I ( 1 0 F E R ) t u p t u O ( |