công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM10-MIL bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM10-MIL
Giải thích chi tiết về linh kiện  Operational Amplifier and Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10-MIL bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM10-MIL Datasheet HTML 9Page - Texas Instruments LM10-MIL Datasheet HTML 10Page - Texas Instruments LM10-MIL Datasheet HTML 11Page - Texas Instruments LM10-MIL Datasheet HTML 12Page - Texas Instruments LM10-MIL Datasheet HTML 13Page - Texas Instruments LM10-MIL Datasheet HTML 14Page - Texas Instruments LM10-MIL Datasheet HTML 15Page - Texas Instruments LM10-MIL Datasheet HTML 16Page - Texas Instruments LM10-MIL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
LM10-MIL
www.ti.com
SNOSD68 – JUNE 2017
Product Folder Links: LM10-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM10-MIL is a dual-operational amplifier combined with a voltage reference capable of a single-supply
operation down to 1.1 V. It provides high overall performance, making it ideal for many general-purpose
applications. The circuit can also operate in a floating mode, powered by residual voltage, independent of fixed
supplies and it is well-protected from temperature drift.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Operating Characteristics
The LM10-MIL is specified for operation from 1.2 V to 40 V. Many of the specifications apply from –55
⁰C to
125
⁰C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in electrical characteristics tables under Specifications and in the Typical Characteristics section.
7.3.2 Common-Mode Voltage Range
The input common-mode voltage range of the LM10-MIL extends from the negative rail to 0.85 V less than the
positive rail.
7.3.3 Operational Amplifier
The minimum operating voltage is reduced to nearly one volt and the current gain is less affected by
temperature, resulting in a fairly flat bias current over temperature.
7.3.4 Voltage Reference
Second-order nonlinearities are compensated for which eliminates the bowed characteristics of conventional
designs, resulting in better temperature stability.
7.4 Device Functional Modes
7.4.1 Floating Mode
To use the device in a floating mode, the operational amplifier output is shorted to V+ which disables the PNP
portion of the output stage. Thus, with a positive input signal, neither halves of the output conducts and the
current between the supply terminals is equal to the quiescent supply current. With negative input signals, the
NPN portion of the output begins to turn on, reaching the short circuit current for a few hundred microvolts
overdrive.
7.4.2 Linear Operation
This device can also operate linearly while in the floating mode. An example of this is shown in the Typical
Application section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com