| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705J2 bảng dữ liệu(PDF) 32 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HC705J2 bảng dữ liệu(HTML) 32 Page - Motorola, Inc |
|
32 / 78 page ![]() MC68HC705J2 CENTRAL PROCESSOR UNIT MOTOROLA 4-13 Table 4-7. Register/Memory Instructions Instruction Mnemonic Load Accumulator from Memory LDA Load Index Register from Memory LDX Store Accumulator in Memory STA Store Index Register in Memory STX Add Memory to Accumulator ADD Add Memory and Carry to Accumulator ADC Subtract Memory SUB Subtract Memory from Accumulator with Borrow SBC AND Memory with Accumulator AND OR Memory with Accumulator ORA Arithmetic Compare Accumulator with Memory CMP Arithmetic Compare Index Register with Memory CPX Bit Test Memory with Accumulator (Logical Compare) BIT Multiply MUL 4.4.2 Read-Modify-Write Instructions These instructions read a memory location or a register, modify its contents, and write the modified value back to memory or to the register. The test for negative or zero (TST) instruction is an exception to the read-modify-write sequence because it does not write a replacement value. Read-modify-write instructions use the following addressing modes: • Inherent • Direct • Indexed, no offset • Indexed, 8-bit offset Table 4-8 lists the read-modify-write instructions. |