công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DXP01A bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions

tên linh kiện DXP01A
Giải thích chi tiết về linh kiện  SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOGLAS [Taoglas antenna solutions]
Trang chủ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DXP01A bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions

  DXP01A Datasheet HTML 1Page - Taoglas antenna solutions DXP01A Datasheet HTML 2Page - Taoglas antenna solutions DXP01A Datasheet HTML 3Page - Taoglas antenna solutions DXP01A Datasheet HTML 4Page - Taoglas antenna solutions DXP01A Datasheet HTML 5Page - Taoglas antenna solutions DXP01A Datasheet HTML 6Page - Taoglas antenna solutions DXP01A Datasheet HTML 7Page - Taoglas antenna solutions DXP01A Datasheet HTML 8Page - Taoglas antenna solutions DXP01A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-17-8-006/A/AW
Page 2 of 11
1. Introduction
The Taoglas DXP.01.A is an advanced compact SAW diplexer for use in any navigation
system application using the GPS/GALILEO L1, GLONASS L2 and BeiDou B2 bands.
The diplexer is designed to function as both a bandpass filter for each band and to
either split one path into two or to combine both bands back into one RF feed. For
example, a customer who wanted to use passive dual band antenna elements would
need to implement a diplexer in some cases to split both bands out into separate
paths. It is also designed to isolate and reject any unwanted GPS/GALILEO signals
from getting to the application port.
It is housed in a compact 5*5*1.7mm over-molded laminate package and is easy to
integrate using SMT process mounting directly onto the target PCB.
Contact your regional Taoglas sales office for more information or support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11