công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA950ALBICG005 bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions

tên linh kiện MA950ALBICG005
Giải thích chi tiết về linh kiện  MA950 Guardian 5in1 Adhesive Mount Antenna
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOGLAS [Taoglas antenna solutions]
Trang chủ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA950ALBICG005 bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions

  MA950ALBICG005 Datasheet HTML 1Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 2Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 3Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 4Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 5Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 6Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 7Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 8Page - Taoglas antenna solutions MA950ALBICG005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 135 page
background image
DSP-16-08-068/A
Page 2 of 135
1. Introduction
The MA950 Guardian is a next generation combination antenna. The first panel antenna
worldwide designed for IoT Gateway and Router devices. It is a low profile 5in1 wall
and adhesive mount antenna. This heavy-duty, fully IP67 waterproof external M2M
antenna can be used by RF professionals in IoT Gateway and Routers, HD Video
Streaming, Transportation and Remote Monitoring Applications
This antenna delivers powerful MIMO antenna technology for worldwide 4G LTE bands
at 698-960MHz/1710-2170MHz/2490-2690MHz/3300-3600MHz bands, dual-band
2.4/5.8GHz Wi-Fi, plus GPS-GLONASS-GALILEO-BeiDou for location accuracy. It
enables designers to cover a wide range of technologies by installing a single antenna.
4G wireless applications demand high speed data uplink and downlink. High efficiency
and high gain MIMO antennas are necessary to achieve the required signal to noise
ratio and throughput required to solve these challenges. Taoglas also takes care to
have high isolation among these antennas to prevent self-interference. Low loss cables
are used to keep efficiency high over long cable lengths.
The GPS-GLONASS-GALILEO-BeiDou active antenna has been carefully designed for
excellent performance across all GNSS bands, leading to higher location accuracy and
stability of tracking in urban environments.
The housing is IP67 waterproof and comes with 3M foam adhesive. The antenna can
be mounted internally or externally on a vehicle. The MA950 comes with 1 meter, low
loss KSR-200P coaxial cables for the LTE and Wi-Fi antennas, and RG174 coaxial cable
for the GNSS antenna as standard. Customized cables and connector versions are also
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More