công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA413AB003 bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions

tên linh kiện MA413AB003
Giải thích chi tiết về linh kiện  MA413 Storm LTE Screw Mount Antenna
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOGLAS [Taoglas antenna solutions]
Trang chủ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA413AB003 bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions

  MA413AB003 Datasheet HTML 1Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 2Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 3Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 4Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 5Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 6Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 7Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 8Page - Taoglas antenna solutions MA413AB003 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SPE-16-8-013-D
Page 2 of 34
1. Introduction
The Storm MA413 antenna is a low profile, heavy-duty, fully IP67 waterproof external
M2M antenna for use in worldwide telematics applications which combine Global
Cellular communications. The MA413 delivers best in class LTE antenna performance.
You will never be out of touch with this extremely robust antenna.
At only 31mm high, the Storm is the world’s lowest profile global telematics antenna
solution. It delivers powerful worldwide 4G LTE antenna technology while also
covering the 3G and 2G bands.
Typical applications:
-Telematics
-HD Video over LTE
-First Responder and Emergency Services
-Intelligent Transport Systems
-Internet of Things (IoT market)
-Wireless LTE M2M Devices
-Digital Signage
LTE 4G applications demand high speed data uplink and downlink. The MA413 does
not require a ground plane. Low loss cables are used to keep efficiency high over long
cable lengths.
Conformity is declared under the following standard: EN55022 Class B
This is to declare that the product listed above conforms to the EMC directive
2014/30/EU.
Cable length and connector types are customizable. Contact your regional Taoglas
sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34