| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MA413AB002 bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions |
|
|
|||||||||||||||||||||||||||||
MA413AB002 bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions |
|
2 / 36 page ![]() SPE-16-8-012/D/WY Page 2 of 36 1. Introduction The Storm MA413 antenna is a low profile, heavy-duty, fully IP67 waterproof external M2M antenna for use in worldwide telematics applications which combine Global Cellular communications. The MA413 delivers best in class LTE antenna performance. You will never be out of touch with this extremely robust antenna. At only 31mm high, the Storm is the world’s lowest profile global telematics antenna solution. It delivers powerful worldwide 4G LTE antenna technology while also covering the 3G and 2G bands. Typical applications: -Telematics -HD Video over LTE -First Responder and Emergency Services -Internet of Things (IoT market) -Wireless LTE M2M Devices -Digital Signage LTE 4G applications demand high speed data uplink and downlink. The MA413 does not require a ground plane. Low loss cables are used to keep efficiency high over long cable lengths. Conformity is declared under the following standard: EN55022 Class B This is to declare that the product listed above conforms to the EMC directive 2014/30/EU. Cable length and connector types are customizable. Contact your regional Taoglas sales office for support. |