công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACPL-P349 bảng dữ liệu(PDF) 5 Page - Broadcom Corporation.

tên linh kiện ACPL-P349
Giải thích chi tiết về linh kiện  2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P349 bảng dữ liệu(HTML) 5 Page - Broadcom Corporation.

  ACPL-P349 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Broadcom
- 5 -
ACPL-P349 and ACPL-W349
Data Sheet
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (Option 060)
NOTE
These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the
safety data shall be ensured by means of protective circuits. Surface mount classification is Class A in accordance
with CECC 00802.
Description
Symbol
ACPL-P349
Option 060
ACPL-W349
Option 060
Units
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 450 Vrms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000 Vrms
I – IV
I – IV
I – III
I – III
I – IV
I – IV
I – IV
I – IV
I – III
Climatic Classification
40/105/21
40/105/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
891
1140
VPEAK
Input to Output Test Voltage, Method ba
VIORM × 1.875 = VPR, 100% Production Test with tm = 1s, Partial discharge < 5 pC
a.
Refer to IEC/EN/DIN EN 60747-5-5 Optoisolator Safety Standard section of the Broadcom Regulatory Guide to Isolation Circuits, AV02-2041EN for a detailed
description of Method a and Method b partial discharge test profiles.
VPR
1671
2137
VPEAK
Input to Output Test Voltage, Method aa
VIORM × 1.6 = VPR, Type and Sample Test, tm = 10s, Partial discharge < 5 pC
VPR
1426
1824
VPEAK
Highest Allowable Overvoltagea
(Transient Overvoltage tini = 60s)
VIOTM
6000
8000
VPEAK
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
Input Current
Output Power
TS
IS,INPUT
PS, OUTPUT
175
230
600
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com