công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC08EQ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện DAC08EQ
Giải thích chi tiết về linh kiện  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

DAC08EQ bảng dữ liệu(HTML) 3 Page - Analog Devices

  DAC08EQ Datasheet HTML 1Page - Analog Devices DAC08EQ Datasheet HTML 2Page - Analog Devices DAC08EQ Datasheet HTML 3Page - Analog Devices DAC08EQ Datasheet HTML 4Page - Analog Devices DAC08EQ Datasheet HTML 5Page - Analog Devices DAC08EQ Datasheet HTML 6Page - Analog Devices DAC08EQ Datasheet HTML 7Page - Analog Devices DAC08EQ Datasheet HTML 8Page - Analog Devices DAC08EQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
DAC08
–3–
Package Type
JA
2
JC
Unit
16-Lead Cerdip (Q)
100
16
°C/W
16-Lead Plastic DIP (P)
82
39
°C/W
20-Terminal LCC (RC)
76
36
°C/W
16-Lead SO (S)
111
35
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
θJA is specified for worst-case mounting conditions, i.e., θJA is specified for device
in socket for cerdip, Plastic DIP, and LCC packages;
θJA is specified for device
soldered to printed circuit board for SO package.
ABSOLUTE MAXIMUM RATINGS
1
Operating Temperature
DAC08AQ, Q . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
DAC08HQ, EQ, CQ, HP, EP . . . . . . . . . . . . 0
°C to +70°C
DAC08CP, CS . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
Storage Temperature Q Package . . . . . . . . . –65
°C to +150°C
Storage Temperature P Package . . . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
V+ Supply to V– Supply . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . V– to V– plus 36 V
VLC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V– to V+
Analog Current Outputs (at VS– = 15 V) . . . . . . . . . . 4.25 mA
Reference Input (V14 to V15) . . . . . . . . . . . . . . . . . . . V– to V+
Reference Input Differential Voltage
(V14 to V15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Reference Input Current (I14) . . . . . . . . . . . . . . . . . . . 5.0 mA
(@ VS =
15 V, and IREF = 2.0 mA, unless otherwise noted. Output
characteristics apply to both IOUT and IOUT.)
All Grades
Parameter
Symbol
Conditions
Typical
Unit
Reference Input Slew Rate
dI/dt
8
mA/
µs
Propagation Delay
tPLH, tPHL
TA = 25
°C, Any Bit
35
ns
Settling Time
tS
To
±1/2 LSB, All Bits
Switched ON or OFF,
85
ns
TA = 25
°C
Specifications subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
ORDERING GUIDE
1
Temperature
Package
Package
# Parts Per
Model
NL
Range
Description
Option
Container
DAC08AQ
±0.10%
–55
°C to +125°C
Cerdip-16
Q-16
25
DAC08AQ
2/883C
±0.10%
–55
°C to +125°C
Cerdip-16
Q-16
25
DAC08HP
±0.10%
0
°C to 70°C
P-DIP-16
N-16
25
DAC08HQ
±0.10%
0
°C to 70°C
Cerdip-16
Q-16
25
DAC08Q
±0.19%
–55
°C to +125°C
Cerdip-16
Q-16
25
DAC08Q
2/883C
±0.19%
–55
°C to +125°C
Cerdip-16
Q-16
25
DAC08RC/883C
±0.19%
–55
°C to +125°C
LCC-20
E-20
55
DAC08EP
±0.19%
0
°C to 70°C
P-DIP-16
N-16
25
DAC08EQ
±0.19%
0
°C to 70°C
Cerdip-16
Q-16
25
DAC08ES
±0.19%
0
°C to 70°C
SO-16
R-16A (Narrow Body)
47
DAC08ES-REEL
±0.19%
0
°C to 70°C
SO-16
R-16A (Narrow Body)
2500
DAC08CP
±0.39%
–40
°C to +85°C
P-DIP-16
N-16
25
DAC08CQ
±0.39%
0
°C to 70°C
Cerdip-16
Q-16
25
DAC08CS
±0.39%
–40
°C to +85°C
SO-16
R-16A (Narrow Body)
47
DAC08CS-REEL
±0.39%
–40
°C to +85°C
SO-16
R-16A (Narrow Body)
2500
DAC08NBC
±0.10%
25
°C
DICE
DAC08GBC
±0.19%
25
°C
DICE
DAC08GRBC
±0.39%
25
°C
DICE
NOTES
1Devices processed in total compliance to MIL-STD-883. Consult factory for 883 data sheet.
2For availability and burn-in information on SO and PLCC packages, contact your local sales office.
The DAC08 contains 84 transistors. Die size 63 mil x 87 mil = 5,481 square mils.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the DAC08 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com