| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL22SCAW016F bảng dữ liệu(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
TL22SCAW016F bảng dữ liệu(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
2 / 6 page ![]() Series TL Fully Illuminated Toggles A127 A www.nkkswitches.com Distinctive Characteristics Actual Size Choice of long or short toggles in translucent colors combine with bright LEDs available in red, amber, and green, plus super bright LEDs available in white, green, and blue. Black face nut enhances front panel appearance. Antistatic material used for toggle withstands 20 kilovolts electrostatic discharge. Panel seal, achieved with use of optional exterior o-ring, conforms to IP65 of IEC60529 Standards. Interior o-ring protects contacts from oil, dust, water, and other contaminants. UL94V-0 flammability rated for base. High insulating barriers protect against crossover. Terminals are molded in and epoxy sealed to lock out flux, dust, and other contaminants. |