công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL22SCAW015F bảng dữ liệu(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

tên linh kiện TL22SCAW015F
Giải thích chi tiết về linh kiện  General Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Trang chủ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22SCAW015F bảng dữ liệu(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22SCAW015F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22SCAW015F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22SCAW015F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22SCAW015F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22SCAW015F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22SCAW015F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series TL
Fully Illuminated Toggles
A127
A
www.nkkswitches.com
Distinctive Characteristics
Actual Size
Choice of long or short toggles in translucent colors combine with
bright LEDs available in red, amber, and green, plus super bright
LEDs available in white, green, and blue.
Black face nut enhances front panel appearance.
Antistatic material used for toggle withstands
20 kilovolts electrostatic discharge.
Panel seal, achieved with use of optional
exterior o-ring, conforms to IP65 of IEC60529
Standards.
Interior o-ring protects contacts from oil, dust,
water, and other contaminants.
UL94V-0 flammability rated for base.
High insulating barriers protect against crossover.
Terminals are molded in and epoxy sealed to lock out flux,
dust, and other contaminants.



Html Pages

1 2 3 4 5 6