công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP1184K533LA bảng dữ liệu(PDF) 2 Page - Anachip Corp

tên linh kiện AP1184K533LA
Giải thích chi tiết về linh kiện  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANACHIP [Anachip Corp]
Trang chủ  
Logo ANACHIP - Anachip Corp

AP1184K533LA bảng dữ liệu(HTML) 2 Page - Anachip Corp

  AP1184K533LA Datasheet HTML 1Page - Anachip Corp AP1184K533LA Datasheet HTML 2Page - Anachip Corp AP1184K533LA Datasheet HTML 3Page - Anachip Corp AP1184K533LA Datasheet HTML 4Page - Anachip Corp AP1184K533LA Datasheet HTML 5Page - Anachip Corp AP1184K533LA Datasheet HTML 6Page - Anachip Corp AP1184K533LA Datasheet HTML 7Page - Anachip Corp AP1184K533LA Datasheet HTML 8Page - Anachip Corp AP1184K533LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
2/11
Block Diagram
THERMAL
SHUTDOWN
Vout
Adj
1.25V
+
CURRENT
LIMIT
Vin
+
-
+
+
Vsense
Vctrl
Pin Configuration
(AP1184K5)
(AP1184T5)
Tab is Vout
FRONT VIEW
3
2
1
Vout
Vsense
Adj(GND)
Vctrl
Vin
4
5
Tab is Vout
FRONT VIEW
Vout
Vsense
Adj(GND)
Vctrl
Vin
5
2
1
4
3
( AP1184S7 )
Adj(GND)
Vsense
Vin
Vctrl
Vin
Vout
NC
7
6
5
8
2
3
4
1
Pin Descriptions
Pin Numbers with standard type are for TO220-5L, TO263-5L packages, and those with boldface type are for SOP-7L
Name
I/O
Description
Adj
(GND)
A resistor divider from this pin to the Vout pin and ground sets the output voltage.
(GND only for fixed mode)
Vsense
I
This pin is the positive side of the reference that allows remote load sensing to
achieve excellent load regulation. A minimum of 10uF capacitor must be connected
from this pin to ground to insure stability.
Vin
I
The input of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response. This pin must always be higher
than Vout in order for the device to regulate.
Vctrl
I
This pin is the supply pin for the internal control circuit as well as the base drive for
the pass transistor. This pin must always by higher than the Vout pin in order the
device to regulate. A minimum of 100uF capacitor must be connected from this pin to
ground to insure stability.
NC
No connection
Vout
O
The output of the regulator. A minimum of 100uF capacitor must be connected from
this pin to ground to insure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com