| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2011N-DC bảng dữ liệu(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
P2011N-DC bảng dữ liệu(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
2 / 5 page ![]() Series P Internationally Approved Rockers/Paddles B115 B www.nkkswitches.com Distinctive Characteristics Meets EN 61058-1 standard. Contacts of special silver alloy resist arcing and guarantee stable electrical contact and long life. Stainless steel frame resists corrosion and increases environmental safety. High insulating barriers increase isolation of circuits in double pole devices and provide added protection to contact points. Case/base of heat resistant resin meets UL94V-0 flammability standard. Prominent external insulating barriers increase insulation resistance and dielectric strength. Clinching of the frame to the case well above the base and terminals provides 4,000V dielectric strength. Epoxy sealed terminals prevent entry of flux, solvents, and other contaminants. Actual Size |