công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8310 bảng dữ liệu(PDF) 36 Page - Cirrus Logic

tên linh kiện WM8310
Giải thích chi tiết về linh kiện  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 bảng dữ liệu(HTML) 36 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 32Page - Cirrus Logic WM8310 Datasheet HTML 33Page - Cirrus Logic WM8310 Datasheet HTML 34Page - Cirrus Logic WM8310 Datasheet HTML 35Page - Cirrus Logic WM8310 Datasheet HTML 36Page - Cirrus Logic WM8310 Datasheet HTML 37Page - Cirrus Logic WM8310 Datasheet HTML 38Page - Cirrus Logic WM8310 Datasheet HTML 39Page - Cirrus Logic WM8310 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
36
Table 3 lists all of the events which can trigger an ON, WAKE, OFF or SLEEP transition sequence. It
also lists the associated status bits of the ‘ON Source’ and ‘OFF Source’ register bits which are
asserted under each condition.
TRANSITION
SEQUENCE
EVENT
NOTES
ON SOURCE /
OFF SOURCE
ON (see note 1)
RTC alarm
An ON request occurs if the RTC Alarm occurs
in the OFF power state. See Section 20.
ON_TRANS, ON_RTC_ALM
GPIO ON request
Requires a GPIO to be configured as “Power
On request” or “Power On/Off request”. See
Section 21.
ON_TRANS, ON_GPIO
ON
¯¯ pin request
Requires the ON
¯¯ pin to be configured to
generate ON request. See Section 11.6.
ON_TRANS, ON_ON_PIN
WAKE
Software WAKE
Writing CHIP_SLP = 0. See Table 2.
ON_SW_REQ
Battery Charger event
Occurs when a Charger Interrupt event is
triggered. See Section 17.7.8.
ON_CHG
Watchdog timeout
Requires the Watchdog to be configured to
generate WAKE request. See Section 25.
ON_WDOG_TO
RTC alarm
A WAKE request occurs if the RTC Alarm
occurs in the SLEEP power state. See
Section 20.
ON_RTC_ALM
GPIO WAKE request
Requires a GPIO to be configured as
“Sleep/Wake request”. See Section 21.
ON_GPIO
SYSVDD undervoltage
Requires the SYSVDD monitor circuit to be
configured to generate WAKE request. See
Section 24.4.
ON_SYSLO
ON
¯¯ pin request
Requires the ON
¯¯ pin to be configured to
generate WAKE request. See Section 11.6.
ON_ON_PIN
OFF (see note 2)
Watchdog timeout
Requires the Watchdog to be configured to
generate Device Reset. See Section 25.
RESET_WDOG
(See note 3)
Hardware Reset
See Section 24.
RESET_HW
(See note 3)
Software Reset
See Section 24.
RESET_SW
(See note 3)
Power Management
Undervoltage Reset
Configurable option for each LDO/DC-DC
converter. See Section 15.
RESET_CNV_UV
(See note 3)
Software OFF request
Writing CHIP_ON = 0. See Table 2.
OFF_SW_REQ
ON pin request
Requires the ON
¯¯ pin to be configured to
generate OFF request. See Section 11.6.
OFF_ON_PIN
Thermal shutdown
See Section 26.
OFF_THERR
SYSVDD undervoltage
Requires the SYSVDD monitor circuit to be
configured to generate OFF request. See
Section 24.4.
OFF_SYSVDD
SYSVDD shutdown
SYSVDD has fallen below the SHUTDOWN
threshold. See Section 24.4.
OFF_SYSVDD
GPIO OFF request
Requires a GPIO to be configured as “Power
On/Off request”. See Section 21.
OFF_GPIO
Power Sequence failure
DC-DC converters, LDOs or CLKOUT circuits
(including FLL) have failed to start up within the
permitted time.
OFF_PWR_SEQ
Internal LDO error
Error condition detected in LDO13
OFF_INTLDO_ERR
SLEEP
Software SLEEP request
Writing CHIP_SLP = 1. See Table 2.
See note 4 and note 5
GPIO SLEEP request
Requires a GPIO to be configured as “Sleep
request” or “Sleep/Wake request”. See
Section 21.
See note 4 and note 5
Table 3 Power State Transition Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More