| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8234 bảng dữ liệu(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8234 bảng dữ liệu(HTML) 44 Page - Cirrus Logic |
|
44 / 144 page ![]() WM8234 44 Rev 4.6 SCENARIO 3 In this scenario, Coarse Adjust Calibration is enabled for the 1st line; Fine Adjust Calibration is enabled for every line, with the Fine Adjust result accumulated throughout frame and used every line. This scenario allows any variation in the black-level to be tracked throughout the frame by accumulating the Fine Adjust result over multiple lines. This method does not deal with as large amounts of D.C. drift throughout the frame as scenario 1, but it will produce less line-by-line variation. Table 15 shows which registers are required for this scenario with example settings. SETUP REGISTER BPIX_AVAIL CADUR FRAME_START FA_EVERYLINE FA_ACCUM Value 50 2 1 1 1 Table 15 Example Register Settings for Scenario 3 Black Pixels Image Pixels Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Line 1 Line 2 Line 3 Line 4 Line 5 Line 6 Line 7 Line n - - - - - - - - - Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Fine Adjust not cleared Auto Fine Adjust clear Figure 28 Scenario 3 |