| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NUMAKER bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NUMAKER bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 71 page ![]() NuMaker Brick Dec 23, 2016 Page 7 of 71 Rev 1.00 1 OVERVIEW NuMaker Brick is a highly integrated platform designed to support IoT (Internet of Things) for users to develop their designs quickly. Every sensor has its own function. The combination module allows the NuMaker Brick platform to create application-specific products with high flexibility. Besides, the NuMaker Brick provides an expansion board such that users can create their own specific sensor and extend the function on the NuMaker Brick platform. Since the biggest challenge for developers is not to add new functions, but to integrate the other module, the NuMaker Brick platform is equipped with a unified communication protocol such that users can add a new module designed only in accordance with the specifications for the communication protocol. This can significantly reduce the complexity of developing the new modules and help developers to focus more on developing new modules to meet the product schedule. This document guides users to add a new module on the NuMaker Brick platform step by step from basic platform architecture introduction to software design concept and communicated protocol. This document also assists developers to build a complete platform operation concept based on detailed explanation of a practical example. |