| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM9010 bảng dữ liệu(PDF) 3 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM9010 bảng dữ liệu(HTML) 3 Page - Cirrus Logic |
|
3 / 12 page ![]() Production Data WM9010 w PD, February 2011, Rev 4.0 3 PIN CONFIGURATION The WM9010 is supplied in a 12-pin CSP format. The pin configuration is illustrated below, showing the top-down view from above the chip. HPOUTL INL 1 A C B CPVOUTN GND INR CPCA ENA CPCB CPVOUTP HPOUTR 4 3 2 ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM9010ECSN/R -40 °C to +85°C 12-pin CSP (Pb-free, tape and reel) MSL1 260oC Note: Reel quantity = 5000 PIN DESCRIPTION PIN NO NAME TYPE DESCRIPTION A1 INL Analogue Input Left channel analogue input A2 INR Analogue Input Right channel analogue input A3 VDD Supply Positive supply A4 GND Supply Ground B1 INREF Analogue Input Input reference for INL and INR B2 ENA Digital Input Device Enable / Mute control B3 CPCA Analogue Output Charge pump fly-back capacitor pin B4 CPCB Analogue Output Charge pump fly-back capacitor pin C1 HPOUTL Analogue Output Left headphone output C2 HPOUTR Analogue Output Right headphone output C3 CPVOUTP Analogue Output Charge pump positive supply decoupling pin C4 CPVOUTN Analogue Output Charge pump negative supply decoupling pin |