công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS35L32 bảng dữ liệu(PDF) 26 Page - Cirrus Logic

tên linh kiện CS35L32
Giải thích chi tiết về linh kiện  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 bảng dữ liệu(HTML) 26 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 22Page - Cirrus Logic CS35L32 Datasheet HTML 23Page - Cirrus Logic CS35L32 Datasheet HTML 24Page - Cirrus Logic CS35L32 Datasheet HTML 25Page - Cirrus Logic CS35L32 Datasheet HTML 26Page - Cirrus Logic CS35L32 Datasheet HTML 27Page - Cirrus Logic CS35L32 Datasheet HTML 28Page - Cirrus Logic CS35L32 Datasheet HTML 29Page - Cirrus Logic CS35L32 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
26
DS963F5
CS35L32
4.12 Signaling Format
The CS35L32 transmits data that is from 24 to 32 bits deep per channel sample. If fewer than 24 serial clocks are present
per channel frame (half LR clock period), it outputs as many bits as there are clocks. If there are more than 24 serial clocks
per channel frame, it outputs the bits shown in the extended section for the additional clock cycles after the 24th bit. Any
bit beyond the 24th, if marked as reserved, is zero. The receiving device is expected to load the data in MSB-to-LSB order
until its word depth is reached, at which point it should discard any remaining LSBs from the interface.
4.12 Signaling Format
The CS35L32 supports the I²S format on its serial port:
• Up to 32 bits/channel of composite data can be sent, as shown in Table 4-9–Table 4-13. Additional bits are packed
in the extended section, beyond the 24th bit, and are accessed if a 32-clock frame is used.
• LRCK identifies the transmission start of each channel.
• Data is clocked out of the SDOUT output using the falling edge of SCLK.
• Bit order is MSB to LSB.
Signaling for I²S format is shown in Fig. 4-10.
Figure 4-10. I²S Format
4.12.1 Transmitting Data
The CS35L32 includes real-time monitoring of several signals internal and external to the device via integrated ADCs, as
well as a number of status bits. The monitoring data exists as three signals—VPMON, VMON, and IMON—which are
described in Section 4.8 and Table 4-8, which also describes status bits.
Table 4-8. SDOUT Monitor Data Description
Function
Data Descriptor
Description
Speaker
Amplifier
Section 4.3.
AMP_SHORT
(amplifier short)
Indicates that either of the outputs (OUT+ and/or OUT–) of the amplifier is driving a short circuit
0 (Default) Not shorted
1 Shorted. When this condition exists, the device enters Speaker-Safe Mode.
See Section 7.19 and Section 4.3.4.
Undervoltage
Lockout (UVLO)
Section 4.5.
UVLO
(UVLO event)
0 (Default) No undervoltage lockout
1 UVLO detected at VP. IC shut down.
See Section 7.21.
Boost Converter
Section 4.6.
BOOST_CURLIM
(boost converter in
current limit)
0 (Default) Boost converter is not in current limit
1 Boost converter is in current limit
See Section 7.21.
BOOST_OVERROR
(boost converter
overvoltage error)
0 (Default) No overvoltage detected
1 Overvoltage detected
See Section 7.21.
Die
Temperature
Monitoring,
Section 4.7.
OTW
(overtemperature
warning)
Indicates that device junction temperature exceeded the set limit in Table 3-3
0 (Default) Junction temperature is below the set overtemperature warning threshold
1 Junction temperature is above set overtemperature warning threshold
OTE
(overtemperature
error)
Indicates whether the device junction temperature exceeded the damage limit
0 (Default) Junction temperature is below damage limit
1 Junction Temperature is above damage limit. When this condition exists, the device enters
Speaker-Safe Mode.
See Section 7.19 and Section 4.3.4.
LRCK
SCLK
SDOUT
MSB
MSB-1
LSB +1
LSB
1/Fsext
MSB
MSB-1
LSB +1
LSB
MSB
SCLK may
stop or continue
textraA =
None to some time
SCLK may
stop or continue
textraB =
None to some time
Left (A) Channel
Right (B) Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com