| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N32905U1DN bảng dữ liệu(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
N32905U1DN bảng dữ liệu(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 47 page ![]() N3290X DATASHEET Nuvoton Technology Corp. 31 Release Date: May. 2013 http://www.nuvoton.com/ Rev. A5.1 5.4 ADC Characteristics Parameter Min. Typ. Max. Unit SAR ADC Input Voltage Range 3.0 - 3.6 V Resolution of ADC - - 10 bit Signal-to-Noise Plus Distortion of ADC from Line In - TBD - dB Integral Non-Linearity of ADC - ±2.0 - LSB Differential Non-Linearity of ADC - ±0.8 - LSB No Missing Code - 10 - bit AD Conversion Rate=ADCCLK/16 - - 400 KHz 5.5 AC Characteristics (Digital Interface) 5.5.1 Clock Input Characteristics XIN TXIN TXINWL TXINWH FXIN = 1 / TXIN XINDUTY = TXINWH / ( TXINWH + TXINWL ) Symbol Parameter Min. Typ. Max. Unit FXIN Clock Input Frequency - 12 / 27 - MHz XINDUTY Clock Input Duty Cycle 45 50 55 % |