| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN91C94 bảng dữ liệu(PDF) 99 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C94 bảng dữ liệu(HTML) 99 Page - SMSC Corporation |
|
99 / 120 page ![]() 99 FIGURE 24 - CONSECUTIVE PCMCIA WRITE CYCLES t 51 t 52 t 47 t 49 t 48 t 50 t 20 t 54 t 55 valid valid A0-9, A15 n REG n CE1, nCE2 nIOWR D 0- 15 5 5 0 15 25 15 185 30 9 t47 t48 t49 t50 t51 t52 t20 t54 t55 ns ns ns ns ns ns ns ns ns nREG Low Setup to Control Active nCE1, nCE2 Setup to Control Active nREG Hol d aft er Control Inactive nCE1,nCE2 Hol d after Control Inactive Address Setup to Control Ac tive Address Hol d after Control Inactive Cycl e Tim e (No Wait States) Wri te Data Setup to nIOWR Rising Write Data Hold after nIOWR Rising Parameter mi n typ max units |