công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT98R068-1 bảng dữ liệu(PDF) 6 Page - Holtek Semiconductor Inc

tên linh kiện HT98R068-1
Giải thích chi tiết về linh kiện  Two Way Radio 8-Bit MCU
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 bảng dữ liệu(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Rev. 1.10
6
�e���a�� 1�� �01�
Rev. 1.10
7
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
General Description
The device is an ASSP MCU for analog two way radio applications such as FRS. This device
contains an 8-bit MCU, Audio Processor, ADC, DAC as well as an Operational Amplifier for
peripheral interfaces. Additionally there are external interrupt functions and 16K of OTP Program
Memory and 1K of SRAM Data Memory for general MCU control application. The Internal
Audio Processor supports various programmable functions. These functions include CTCSS/DCSS
encoding/decoding, DTMF encoding/decoding, scramble/descramble, VOX, compandor and so on.
By connecting to a suitable RF module, the device provides a cost effective and flexible audio RF
solution. Applications should include products in the Leisure Radio application area such as General
Mobile Radios, Personal Mobile Radios, Multiple User Radios etc.
Block Diagram
Ti mi ng
Ge me ra ti on
8- bi t
RI SC
MC U
Co re
RO M/ RA M
Me mo ry
SP I
D/ A
C onv er te r
Ti me r
A/ D
C onv er te r
A udi o
Pr oc es so r
Ti me
B as e
I/ O
Po rt s
PF D
Dr iv er



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com