| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RX231 bảng dữ liệu(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX231 bảng dữ liệu(HTML) 79 Page - Renesas Technology Corp |
|
79 / 177 page ![]() R01DS0261EJ0110 Rev.1.10 Page 79 of 177 Oct 30, 2015 RX230 Group, RX231 Group 4. I/O Registers 000A 847Ch CAN Receive Buffer Register 13DL RMDF213 16 16 2 or 3 PCLKB 2 ICLK 000A 847Eh CAN Receive Buffer Register 13DH RMDF313 16 16 2 or 3 PCLKB 2 ICLK 000A 8480h CAN Receive Buffer Register 14AL RMIDL14 16 16 2 or 3 PCLKB 2 ICLK 000A 8482h CAN Receive Buffer Register 14AH RMIDH14 16 16 2 or 3 PCLKB 2 ICLK 000A 8484h CAN Receive Buffer Register 14BL RMTS14 16 16 2 or 3 PCLKB 2 ICLK 000A 8486h CAN Receive Buffer Register 14BH RMPTR14 16 16 2 or 3 PCLKB 2 ICLK 000A 8488h CAN Receive Buffer Register 14CL RMDF014 16 16 2 or 3 PCLKB 2 ICLK 000A 848Ah CAN Receive Buffer Register 14CH RMDF114 16 16 2 or 3 PCLKB 2 ICLK 000A 848Ch CAN Receive Buffer Register 14DL RMDF214 16 16 2 or 3 PCLKB 2 ICLK 000A 848Eh CAN Receive Buffer Register 14DH RMDF314 16 16 2 or 3 PCLKB 2 ICLK 000A 8490h CAN Receive Buffer Register 15AL RMIDL15 16 16 2 or 3 PCLKB 2 ICLK 000A 8492h CAN Receive Buffer Register 15AH RMIDH15 16 16 2 or 3 PCLKB 2 ICLK 000A 8494h CAN Receive Buffer Register 15BL RMTS15 16 16 2 or 3 PCLKB 2 ICLK 000A 8496h CAN Receive Buffer Register 15BH RMPTR15 16 16 2 or 3 PCLKB 2 ICLK 000A 8498h CAN Receive Buffer Register 15CL RMDF015 16 16 2 or 3 PCLKB 2 ICLK 000A 849Ah CAN Receive Buffer Register 15CH RMDF115 16 16 2 or 3 PCLKB 2 ICLK 000A 849Ch CAN Receive Buffer Register 15DL RMDF215 16 16 2 or 3 PCLKB 2 ICLK 000A 849Eh CAN Receive Buffer Register 15DH RMDF315 16 16 2 or 3 PCLKB 2 ICLK 000A 8580h to 000A 859Fh CAN RAM Test Register 0 to 15 RPGACC0 to 15 16 16 2 or 3 PCLKB 2 ICLK 000A 85A0h CAN Receive FIFO Access Register 0AL RFIDL0 16 16 2 or 3 PCLKB 2 ICLK 000A 85A0h CAN RAM Test Register 16 RPGACC16 16 16 2 or 3 PCLKB 2 ICLK 000A 85A2h CAN Receive FIFO Access Register 0AH RFIDH0 16 16 2 or 3 PCLKB 2 ICLK 000A 85A2h CAN RAM Test Register 17 RPGACC17 16 16 2 or 3 PCLKB 2 ICLK 000A 85A4h CAN Receive FIFO Access Register 0BL RFTS0 16 16 2 or 3 PCLKB 2 ICLK 000A 85A4h CAN RAM Test Register 18 RPGACC18 16 16 2 or 3 PCLKB 2 ICLK 000A 85A6h CAN Receive FIFO Access Register 0BH RFPTR0 16 16 2 or 3 PCLKB 2 ICLK 000A 85A6h CAN RAM Test Register 19 RPGACC19 16 16 2 or 3 PCLKB 2 ICLK 000A 85A8h CAN Receive FIFO Access Register 0CL RFDF00 16 16 2 or 3 PCLKB 2 ICLK 000A 85A8h CAN RAM Test Register 20 RPGACC20 16 16 2 or 3 PCLKB 2 ICLK 000A 85AAh CAN Receive FIFO Access Register 0CH RFDF10 16 16 2 or 3 PCLKB 2 ICLK 000A 85AAh CAN RAM Test Register 21 RPGACC21 16 16 2 or 3 PCLKB 2 ICLK 000A 85ACh CAN Receive FIFO Access Register 0DL RFDF20 16 16 2 or 3 PCLKB 2 ICLK 000A 85ACh CAN RAM Test Register 22 RPGACC22 16 16 2 or 3 PCLKB 2 ICLK 000A 85AEh CAN Receive FIFO Access Register 0DH RFDF30 16 16 2 or 3 PCLKB 2 ICLK 000A 85AEh CAN RAM Test Register 23 RPGACC23 16 16 2 or 3 PCLKB 2 ICLK 000A 85B0h CAN Receive FIFO Access Register 1AL RFIDL1 16 16 2 or 3 PCLKB 2 ICLK 000A 85B0h CAN RAM Test Register 24 RPGACC24 16 16 2 or 3 PCLKB 2 ICLK 000A 85B2h CAN Receive FIFO Access Register 1AH RFIDH1 16 16 2 or 3 PCLKB 2 ICLK 000A 85B2h CAN RAM Test Register 25 RPGACC25 16 16 2 or 3 PCLKB 2 ICLK 000A 85B4h CAN Receive FIFO Access Register 1BL RFTS1 16 16 2 or 3 PCLKB 2 ICLK 000A 85B4h CAN RAM Test Register 26 RPGACC26 16 16 2 or 3 PCLKB 2 ICLK 000A 85B6h CAN Receive FIFO Access Register 1BH RFPTR1 16 16 2 or 3 PCLKB 2 ICLK 000A 85B6h CAN RAM Test Register 27 RPGACC27 16 16 2 or 3 PCLKB 2 ICLK 000A 85B8h CAN Receive FIFO Access Register 1CL RFDF01 16 16 2 or 3 PCLKB 2 ICLK 000A 85B8h CAN RAM Test Register 28 RPGACC28 16 16 2 or 3 PCLKB 2 ICLK 000A 85BAh CAN Receive FIFO Access Register 1CH RFDF11 16 16 2 or 3 PCLKB 2 ICLK 000A 85BAh CAN RAM Test Register 29 RPGACC29 16 16 2 or 3 PCLKB 2 ICLK 000A 85BCh CAN Receive FIFO Access Register 1DL RFDF21 16 16 2 or 3 PCLKB 2 ICLK 000A 85BCh CAN RAM Test Register 30 RPGACC30 16 16 2 or 3 PCLKB 2 ICLK 000A 85BEh CAN Receive FIFO Access Register 1DH RFDF31 16 16 2 or 3 PCLKB 2 ICLK 000A 85BEh CAN RAM Test Register 31 RPGACC31 16 16 2 or 3 PCLKB 2 ICLK Table 4.1 List of I/O Registers (Address Order) (37 / 42) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access Cycles ICLK PCLK ICLK <PCLK |