| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT82M9BA bảng dữ liệu(PDF) 44 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82M9BA bảng dữ liệu(HTML) 44 Page - Holtek Semiconductor Inc |
|
44 / 44 page ![]() HT82M9BE/HT82M9BA Rev. 1.80 44 December 22, 2008 Copyright Ó 2008 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek as- sumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holtek ¢s products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw. |