| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT82K95AE bảng dữ liệu(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95AE bảng dữ liệu(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 43 page ![]() Package Information Note that the package information provided here is for consultation purposes only. As this information may be updated at regu- lar intervals users are reminded to consult the Holtek website (http://www.holtek.com.tw/english/literature/package.pdf) for the latest version of the package information. 28-pin SOP (300mil) Outline Dimensions · MS-013 Symbol Dimensions in inch Min. Nom. Max. A 0.393 ¾ 0.419 B 0.256 ¾ 0.300 C 0.012 ¾ 0.020 C ¢ 0.697 ¾ 0.713 D ¾¾ 0.104 E ¾ 0.050 ¾ F 0.004 ¾ 0.012 G 0.016 ¾ 0.050 H 0.008 ¾ 0.013 a 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A 9.98 ¾ 10.64 B 6.50 ¾ 7.62 C 0.30 ¾ 0.51 C ¢ 17.70 ¾ 18.11 D ¾¾ 2.64 E ¾ 1.27 ¾ F 0.10 ¾ 0.30 G 0.41 ¾ 1.27 H 0.20 ¾ 0.33 a 0 °¾ 8 ° HT82K95EE/HT82K95AE Rev. 1.50 39 April 13, 2012 2 8 1 1 5 1 4 A B C D F C ' G H a E |