công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S7G2 bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp

tên linh kiện S7G2
Giải thích chi tiết về linh kiện  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp S7G2 Datasheet HTML 15Page - Renesas Technology Corp S7G2 Datasheet HTML 16Page - Renesas Technology Corp S7G2 Datasheet HTML 17Page - Renesas Technology Corp S7G2 Datasheet HTML 18Page - Renesas Technology Corp S7G2 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 15 of 113
Feb 23, 2016
S7G2
1. Overview
ETHERC
REF50CK0,
REF50CK1
Input
50-MHz reference clocks. These pins input reference signals for
transmission/reception timing in RMII mode.
RMII0_CRS_DV,
RMII1_CRS_DV
Input
Indicate carrier detection signals and valid receive data on RMII_RXD1 and
RMII_RXD0 in RMII mode.
RMII0_TXD0,
RMII0_TXD1,
RMII1_TXD0,
RMII1_TXD1
Output
2-bit transmit data in RMII mode.
RMII0_RXD0,
RMII0_RXD1,
RMII1_RXD0,
RMII1_RXD1
Input
2-bit receive data in RMII mode.
RMII0_TXD_EN,
RMII1_TXD_EN
Output
Output pins for data transmit enable signals in RMII mode.
RMII0_RX_ER,
RMII1_RX_ER
Input
Indicate an error occurred during reception of data in RMII mode.
ET0_CRS, ET1_CRS Input
Carrier detection/data reception enable signals.
ET0_RX_DV,
ET1_RX_DV
Input
Indicate valid receive data on ET_ERXD3 to ET_ERXD0.
ET0_EXOUT,
ET1_EXOUT
Input
General-purpose external output pins.
ET0_LINKSTA,
ET1_LINKSTA
Output
Input link status from the PHY-LSI.
ET0_ETXD0 to
ET0_ETXD3,
ET1_ETXD0 to
ET1_ETXD3
output
4 bits of MII transmit data.
ET0_ERXD0 to
ET0_ERXD3,
ET1_ERXD0 to
ET1_ERXD3
Input
4 bits of MII receive data.
ET0_TX_EN,
ET1_TX_EN
Output
Transmit enable signals. Function as signals indicating that transmit data is
ready on ET_ETXD3 to ET_ETXD0.
ET0_TX_ER,
ET1_TX_ER
Output
Transmit error pins. Function as signals notifying the PHY_LSI of an error
during transmission.
ET0_RX_ER,
ET1_RX_ER
Input
Receive error pins. Function as signals to recognize an error during
reception.
ET0_TX_CLK,
ET1_TX_CLK
Input
Transmit clock pins. These pins input reference signals for output timing
from ET_TX_EN, ET_ETXD3 to ET_ETXD0, and ET_TX_ER.
ET0_RX_CLK,
ET1_RX_CLK
Input
Receive clock pins. These pins input reference signals for input timing to
ET_RX_DV, ET_ERXD3 to ET_ERXD0, and ET_RX_ER.
ET0_COL,
ET1_COL
Input
Input collision detection signals.
ET0_WOL,
ET1_WOL
Output
Receive Magic packets.
ET0_MDC,
ET1_MDC
Output
Output reference clock signals for information transfer through ET_MDIO.
ET0_MDIO,
ET1_MDIO
I/O
Input or output bidirectional signals for exchange of management data with
PHY-LSI.
SDHI
SD0CLK, SD1CLK
Output
SD clock output pin.
SD0CMD, SD1CMD
I/O
Command output pin and response input signal pin.
SD0DAT0 to
SD0DAT7,
SD1DAT0 to
SD1DAT7
I/O
SD and MMC data bus pins.
SD0CD, SD1CD
Input
SD card detection pin.
SD0WP, SD1WP
Input
SD write-protect signal.
Table 1.16
Pin functions (4/5)
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com