| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XR17L152 bảng dữ liệu(PDF) 5 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XR17L152 bảng dữ liệu(HTML) 5 Page - Exar Corporation |
|
5 / 55 page ![]() XR17L152 áç áç áç áç 3.3V PCI BUS DUAL UART REV. 1.1.0 DISCONTINUED 5 NOTE: Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain. XTAL1 77 I Crystal or external clock input of up to data rate of 3.125Mbps at 33MHz 3.3V and 8X sampling. See AC Characterization table. Caution: this input is not 5V tolerant. XTAL2 76 O Crystal or buffered clock output. TMRCK 75 I 16-bit timer/counter external clock input. ENIR 74 I Global Infrared mode enable (active high). During power up or reset, this pin is sampled and if it is a logic high, both UARTs are set for infrared mode. Also, the infrared mode bit, MCR[6], is set in both channels. Software can override this pin thereafter and enable or disable infrared mode. EN485# 65 I Global AutoRS485 half-duplex direction control enable (active low). During power up or reset, this pin is sampled and if it is a logic high, both UARTs are set for Auto RS485 Mode. Also, the Auto RS485 bit, FCTR[5], is set in both channels. Software can override this pin thereafter and enable or disable it. TEST# 79 I Factory Test. Connect to VCC for normal operation. VCC 54, 80 PWR 5V or 3.3V power supply for the core logic. VI/O 10, 22, 32, 43, 89, 100 PWR PCI bus I/O power supply. 3.3V ONLY (PCI 2.2 Compliance). GND 1, 11, 23, 33, 44, 53, 78, 88 PWR Power supply common, ground. NC 63, 64 No Connection. PIN DESCRIPTIONS NAME PIN #TYPE DESCRIPTION |