| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F56519FDFB bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56519FDFB bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 190 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0100 Rev.1.00 Page 18 of 190 Aug 24, 2016 16-bit timer pulse unit TIOCA0, TIOCB0, TIOCC0, TIOCD0 I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins TIOCA1, TIOCB1 I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins TIOCA2, TIOCB2 I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins TIOCA3, TIOCB3, TIOCC3, TIOCD3 I/O The TGRA3 to TGRD3 input capture input/output compare output/PWM output pins TIOCA4, TIOCB4 I/O The TGRA4 and TGRB4 input capture input/output compare output/PWM output pins TIOCA5, TIOCB5 I/O The TGRA5 and TGRB5 input capture input/output compare output/PWM output pins TCLKA, TCLKB, TCLKC, TCLKD Input Input pins for external clock signals or for phase counting mode clock signals Programmable pulse generator PO0 to PO31 Output Output pins for the pulse signals 8-bit timer TMO0 to TMO3 Output Compare match output pins TMCI0 to TMCI3 Input Input pins for external clocks to be input to the counter TMRI0 to TMRI3 Input Input pins for the counter reset Compare match timer W TIC0 to TIC3 Input Input pins for CMTW TOC0 to TOC3 Output Output pins for CMTW Serial communications interface (SCIg) Asynchronous mode/clock synchronous mode SCK0 to SCK9 I/O Input/output pins for the clock RXD0 to RXD9 Input Input pins for received data TXD0 to TXD9 Output Output pins for transmitted data CTS0# to CTS9# Input Input pins for controlling the start of transmission and reception RTS0# to RTS9# Output Output pins for controlling the start of transmission and reception Simple I2C mode SSCL0 to SSCL9 I/O Input/output pins for the I2C clock SSDA0 to SSDA9 I/O Input/output pins for the I2C data Simple SPI mode SCK0 to SCK9 I/O Input/output pins for the clock SMISO0 to SMISO9 I/O Input/output pins for slave transmission of data SMOSI0 to SMOSI9 I/O Input/output pins for master transmission of data SS0# to SS9# Input Chip-select input pins Table 1.4 Pin Functions (3/7) Classifications Pin Name I/O Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |