| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VIPER38HD bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER38HD bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 31 page ![]() DocID025703 Rev 2 5/31 VIPER38 Block diagram 31 1 Block diagram Figure 2. Block diagram 2 Typical power Table 1. Typical power Nominal power 230 VAC 85-265 VAC Adapter(1) Open frame(2) Adapter(1) Open frame(2) VIPER38 18 W 20 W 13 W 15 W 28 W (peak)(3) 30 W (peak)(3) 23 W (peak)(3) 25 W (peak)(3) 1. Typical continuous power in non-ventilated enclosed adapter measured at 50 °C ambient. 2. Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat sinking. 3. Maximum practical peak power at 50 °C ambient, with adequate heat sinking for 2 sec (max). |