| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F104FJG bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FJG bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 9 of 208 Aug 12, 2016 1.3 Pin Configuration (Top View) 1.3.1 30-pin products • 30-pin plastic LSSOP (7.62 mm (300), 0.65 mm pitch) Note Mounted on the 96 KB or more code flash memory products. Caution Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 μF). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 P21/ANI1/AVREFM P22/ANI2/ANO0 Note P23/ANI3 P147/ANI18/VCOUT1 Note P10/SCK11/SCL11/TRDIOD1 P11/SI11/SDA11/TRDIOC1 P12/SO11/TRDIOB1/IVREF1 Note P13/TxD2/SO20/TRDIOA1/IVCMP1 Note P14/RxD2/SI20/SDA20/TRDIOD0/(SCLA0) P15/PCLBUZ1/SCK20/SCL20/TRDIOB0/(SDAA0) P16/TI01/TO01/INTP5/TRDIOC0/IVREF0 Note/(RXD0) P17/TI02/TO02/TRDIOA0/TRDCLK/IVCMP0 Note/(TXD0) P51/INTP2/SO00/TxD0/TOOLTxD/TRGIOB P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0) P30/INTP3/SCK00/SCL00/TRJO0 P01/ANI16/TO00/RxD1/TRGCLKB/TRJIO0 P00/ANI17/TI00/TxD1/TRGCLKA/(TRJO0) P120/ANI19/VCOUT0 Note P40/TOOL0 RESET P137/INTP0 P122/X2/EXCLK P121/X1 REGC VSS VDD P60/SCLA0 P61/SDAA0 P31/TI03/TO03/INTP4/PCLBUZ0/SSI00/(TRJIO0) P20/ANI0/AVREFP |