công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104MFD bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện R5F104MFD
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104MFD bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button R5F104MFD Datasheet HTML 3Page - Renesas Technology Corp R5F104MFD Datasheet HTML 4Page - Renesas Technology Corp R5F104MFD Datasheet HTML 5Page - Renesas Technology Corp R5F104MFD Datasheet HTML 6Page - Renesas Technology Corp R5F104MFD Datasheet HTML 7Page - Renesas Technology Corp R5F104MFD Datasheet HTML 8Page - Renesas Technology Corp R5F104MFD Datasheet HTML 9Page - Renesas Technology Corp R5F104MFD Datasheet HTML 10Page - Renesas Technology Corp R5F104MFD Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 7 of 208
Aug 12, 2016
Note
For the fields of application, refer to Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G14.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
(4/5)
Pin count
Package
Fields of Application
Note
Ordering Part Number
64 pins
64-pin plastic LQFP
(12
× 12 mm, 0.65 mm pitch)
A
R5F104LCAFA#V0, R5F104LDAFA#V0, R5F104LEAFA#V0, R5F104LFAFA#V0,
R5F104LGAFA#V0, R5F104LHAFA#V0, R5F104LJAFA#V0
R5F104LCAFA#X0, R5F104LDAFA#X0, R5F104LEAFA#X0, R5F104LFAFA#X0,
R5F104LGAFA#X0, R5F104LHAFA#X0, R5F104LJAFA#X0
R5F104LKAFA#30, R5F104LLAFA#30
R5F104LKAFA#50, R5F104LLAFA#50
D
R5F104LCDFA#V0, R5F104LDDFA#V0, R5F104LEDFA#V0, R5F104LFDFA#V0,
R5F104LGDFA#V0, R5F104LHDFA#V0, R5F104LJDFA#V0
R5F104LCDFA#X0, R5F104LDDFA#X0, R5F104LEDFA#X0, R5F104LFDFA#X0,
R5F104LGDFA#X0, R5F104LHDFA#X0, R5F104LJDFA#X0
G
R5F104LCGFA#V0, R5F104LDGFA#V0, R5F104LEGFA#V0, R5F104LFGFA#V0,
R5F104LGGFA#V0, R5F104LHGFA#V0, R5F104LJGFA#V0
R5F104LCGFA#X0, R5F104LDGFA#X0, R5F104LEGFA#X0, R5F104LFGFA#X0,
R5F104LGGFA#X0, R5F104LHGFA#X0, R5F104LJGFA#X0
R5F104LKGFA#30, R5F104LLGFA#30
R5F104LKGFA#50, R5F104LLGFA#50
64-pin plastic LFQFP
(10
× 10 mm, 0.5 mm pitch)
A
R5F104LCAFB#V0, R5F104LDAFB#V0, R5F104LEAFB#V0, R5F104LFAFB#V0,
R5F104LGAFB#V0, R5F104LHAFB#V0, R5F104LJAFB#V0
R5F104LCAFB#X0, R5F104LDAFB#X0, R5F104LEAFB#X0, R5F104LFAFB#X0,
R5F104LGAFB#X0, R5F104LHAFB#X0, R5F104LJAFB#X0
R5F104LKAFB#30, R5F104LLAFB#30
R5F104LKAFB#50, R5F104LLAFB#50
D
R5F104LCDFB#V0, R5F104LDDFB#V0, R5F104LEDFB#V0, R5F104LFDFB#V0,
R5F104LGDFB#V0, R5F104LHDFB#V0, R5F104LJDFB#V0
R5F104LCDFB#X0, R5F104LDDFB#X0, R5F104LEDFB#X0, R5F104LFDFB#X0,
R5F104LGDFB#X0, R5F104LHDFB#X0, R5F104LJDFB#X0
G
R5F104LCGFB#V0, R5F104LDGFB#V0, R5F104LEGFB#V0, R5F104LFGFB#V0,
R5F104LGGFB#V0, R5F104LHGFB#V0, R5F104LJGFB#V0
R5F104LCGFB#X0, R5F104LDGFB#X0, R5F104LEGFB#X0, R5F104LFGFB#X0,
R5F104LGGFB#X0, R5F104LHGFB#X0, R5F104LJGFB#X0
R5F104LKGFB#30, R5F104LLGFB#30
R5F104LKGFB#50, R5F104LLGFB#50
64-pin plastic FLGA
(5
× 5 mm, 0.5 mm pitch)
A
R5F104LCALA#U0, R5F104LDALA#U0, R5F104LEALA#U0, R5F104LFALA#U0,
R5F104LGALA#U0, R5F104LHALA#U0, R5F104LJALA#U0
R5F104LCALA#W0, R5F104LDALA#W0, R5F104LEALA#W0, R5F104LFALA#W0,
R5F104LGALA#W0, R5F104LHALA#W0, R5F104LJALA#W0
R5F104LKALA#U0, R5F104LLALA#U0
R5F104LKALA#W0, R5F104LLALA#W0
G
R5F104LCGLA#U0, R5F104LDGLA#U0, R5F104LEGLA#U0, R5F104LFGLA#U0,
R5F104LGGLA#U0, R5F104LHGLA#U0, R5F104LJGLA#U0, R5F104LKGLA#U0,
R5F104LLGLA#U0
R5F104LCGLA#W0, R5F104LDGLA#W0, R5F104LEGLA#W0, R5F104LFGLA#W0,
R5F104LGGLA#W0, R5F104LHGLA#W0, R5F104LJGLA#W0, R5F104LKGLA#W0,
R5F104LLGLA#W0
64-pin plastic LQFP
(14
× 14 mm, 0.8 mm pitch)
A
R5F104LCAFP#V0, R5F104LDAFP#V0, R5F104LEAFP#V0, R5F104LFAFP#V0,
R5F104LGAFP#V0, R5F104LHAFP#V0, R5F104LJAFP#V0
R5F104LCAFP#X0, R5F104LDAFP#X0, R5F104LEAFP#X0, R5F104LFAFP#X0,
R5F104LGAFP#X0, R5F104LHAFP#X0, R5F104LJAFP#X0
D
R5F104LCDFP#V0, R5F104LDDFP#V0, R5F104LEDFP#V0, R5F104LFDFP#V0,
R5F104LGDFP#V0, R5F104LHDFP#V0, R5F104LJDFP#V0
R5F104LCDFP#X0, R5F104LDDFP#X0, R5F104LEDFP#X0, R5F104LFDFP#X0,
R5F104LGDFP#X0, R5F104LHDFP#X0, R5F104LJDFP#X0
G
R5F104LCGFP#V0, R5F104LDGFP#V0, R5F104LEGFP#V0, R5F104LFGFP#V0,
R5F104LGGFP#V0, R5F104LHGFP#V0, R5F104LJGFP#V0
R5F104LCGFP#X0, R5F104LDGFP#X0, R5F104LEGFP#X0, R5F104LFGFP#X0,
R5F104LGGFP#X0, R5F104LHGFP#X0, R5F104LJGFP#X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More