| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F104PDD bảng dữ liệu(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104PDD bảng dữ liệu(HTML) 93 Page - Renesas Technology Corp |
|
93 / 213 page ![]() RL78/G14 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 °C) R01DS0053EJ0330 Rev. 3.30 Page 93 of 208 Aug 12, 2016 Simplified I2C mode connection diagram (during communication at same potential) Simplified I2C mode serial transfer timing (during communication at same potential) Remark 1. Rb[ Ω]: Communication line (SDAr) pull-up resistance, Cb[F]: Communication line (SDAr, SCLr) load capacitance Remark 2. r: IIC number (r = 00, 01, 10, 11, 20, 21, 30, 31), g: PIM number (g = 0, 1, 3 to 5, 14), h: POM number (h = 0, 1, 3 to 5, 7, 14) Remark 3. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), mn = 00 to 03, 10 to 13) RL78 microcontroller SDAr SCLr User’s device SDA SCL VDD Rb SDAr SCLr 1/fSCL tLOW tHIGH tSU: DAT tHD: DAT |