| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F104FDD bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FDD bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 35 of 208 Aug 12, 2016 Note The flash library uses RAM in self-programming and rewriting of the data flash memory. The target products and start address of the RAM areas used by the flash library are shown below. R5F104xD (x = A to C, E to G, J, L): Start address FE900H R5F104xE (x = A to C, E to G, J, L): Start address FE900H For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for RL78 Family (R20UT2944) . |