công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PCD bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện R5F104PCD
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PCD bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  R5F104PCD Datasheet HTML 1Page - Renesas Technology Corp R5F104PCD Datasheet HTML 2Page - Renesas Technology Corp R5F104PCD Datasheet HTML 3Page - Renesas Technology Corp R5F104PCD Datasheet HTML 4Page - Renesas Technology Corp R5F104PCD Datasheet HTML 5Page - Renesas Technology Corp R5F104PCD Datasheet HTML 6Page - Renesas Technology Corp R5F104PCD Datasheet HTML 7Page - Renesas Technology Corp R5F104PCD Datasheet HTML 8Page - Renesas Technology Corp R5F104PCD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 213 page
background image
R01DS0053EJ0330 Rev. 3.30
Page 1 of 208
Aug 12, 2016
RL78/G14
RENESAS MCU
True Low Power Platform (as low as 66
μA/MHz, and 0.60 μA for RTC + LVD), 1.6 V to 5.5 V operation,
16 to 512 Kbyte Flash, 44 DMIPS at 32 MHz, for General Purpose Applications
Datasheet
1. OUTLINE
1.1
Features
Ultra-Low Power Consumption Technology
•VDD = single power supply voltage of 1.6 to 5.5 V which
can operate a 1.8 V device at a low voltage
• HALT mode
•STOP mode
• SNOOZE mode
RL78 CPU Core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be changed
from high speed (0.03125
μs: @ 32 MHz operation with
high-speed on-chip oscillator) to ultra-low speed (30.5
μs: @ 32.768 kHz operation with subsystem clock)
• Multiply/divide/multiply & accumulate instructions are
supported.
• Address space: 1 MB
• General-purpose registers: (8-bit register
× 8) × 4 banks
• On-chip RAM: 2.5 to 48 KB
Code Flash Memory
• Code flash memory: 16 to 512 KB
• Block size: 1 KB
• Prohibition of block erase and rewriting (security
function)
• On-chip debug function
• Self-programming (with boot swap function/flash shield
window function)
Data Flash Memory
• Data flash memory: 4 KB and 8 KB
• Back ground operation (BGO): Instructions can be
executed from the program memory while rewriting the
data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed On-chip Oscillator
• Select from 64 MHz, 48 MHz, 32 MHz, 24 MHz, 16 MHz,
12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz, and
1 MHz
• High accuracy: ±1.0% (VDD = 1.8 to 5.5 V, TA = -20 to
+85°C
Operating Ambient Temperature
•TA = -40 to +85°C (A: Consumer applications, D:
Industrial applications)
•TA = -40 to +105°C (G: Industrial applications)
Power Management and Reset Function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt and
reset from 14 levels)
Data Transfer Controller (DTC)
• Transfer modes: Normal transfer mode, repeat transfer
mode, block transfer mode
• Activation sources: Activated by interrupt sources.
• Chain transfer function
Event Link Controller (ELC)
• Event signals of 19 to 26 types can be linked to the
specified peripheral function.
Serial Interfaces
• CSI: 3 to 8 channels
• UART/UART (LIN-bus supported): 3 or 4 channels
•I2C/simplified I2C: 3 to 8 channels
Timer
• 16-bit timer: 8 to 12 channels
(Timer Array Unit (TAU): 4 to 8 channels, Timer RJ: 1
channel, Timer RD: 2 channels, Timer RG: 1 channel)
• 12-bit interval timer: 1 channel
• Real-time clock: 1 channel (calendar for 99 years, alarm
function, and clock correction function)
• Watchdog timer: 1 channel (operable with the dedicated
low-speed on-chip oscillator)
A/D Converter
• 8/10-bit resolution A/D converter (VDD = 1.6 to 5.5 V)
• Analog input: 8 to 20 channels
• Internal reference voltage (1.45 V) and temperature
sensor
D/A Converter
• 8-bit resolution D/A converter (VDD = 1.6 to 5.5 V)
• Analog output: None or up to two channels
• Output voltage: 0 V to VDD
• Real-time output function
Comparator
• None or up to two channels
• Operating modes: Comparator high-speed mode,
comparator low-speed mode, window mode
• The external reference voltage or internal reference
voltage can be selected as the reference voltage.
I/O Port
• I/O port: 26 to 92 (N-ch open drain I/O [withstand
voltage of 6 V]: 2 to 4, N-ch open drain I/O [VDD
withstand voltage/EVDD withstand voltage]: 10 to 28)
• Can be set to N-ch open drain, TTL input buffer, and on-
chip pull-up resistor
• Different potential interface: Can connect to a 1.8/2.5/3
V device
• On-chip key interrupt function
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal) correction circuit
Remark
The functions mounted depend on the product.
See 1.6 Outline of Functions.
R01DS0053EJ0330
Rev. 3.30
Aug 12, 2016


Số phần tương tự - R5F104PCD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R5F104PF RENESAS-R5F104PF Datasheet
153Kb / 17P
PG-FP5
R5F104PG RENESAS-R5F104PG Datasheet
153Kb / 17P
PG-FP5
R5F104PH RENESAS-R5F104PH Datasheet
153Kb / 17P
PG-FP5
R5F104PJ RENESAS-R5F104PJ Datasheet
153Kb / 17P
PG-FP5
More results

Mô tả tương tự - R5F104PCD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
Integrated USB Controller, True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
True Low Power Platform Ultra-Low Power Technology
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
Ultra-low-power platform
07-Mar-2017
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
Ultra-low-power platform
22-Mar-2016
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
Ultra-low-power platform
28-Apr-2016
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
Ultra-low-power platform
09-Feb-2016
logo
Renesas Technology Corp
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
True Low Power Platform
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
True Low Power Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com