| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F1007F bảng dữ liệu(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F1007F bảng dữ liệu(HTML) 87 Page - Renesas Technology Corp |
|
87 / 202 page ![]() RL78/G13 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 C) Page 87 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 CSI mode connection diagram (during communication at same potential) RL78 microcontroller SCKp SOp SCK SI User device SIp SO CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) SIp Input data Output data SOp tKCY1, 2 tKL1, 2 tKH1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 SCKp CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) SIp Input data Output data SOp tKCY1, 2 tKH1, 2 tKL1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 SCKp Remarks 1. p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31) 2. m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13) |