| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F104CAD bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104CAD bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 2 of 208 Aug 12, 2016 ROM, RAM capacities The flash library uses RAM in self-programming and rewriting of the data flash memory. The target products and start address of the RAM areas used by the flash library are shown below. R5F104xD (x = A to C, E to G, J, L): Start address FE900H R5F104xE (x = A to C, E to G, J, L): Start address FE900H R5F104xJ (x = F, G, J, L, M, P): Start address F9F00H R5F104xL (x = G, L, M, P): Start address F3F00H For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for RL78 Family (R20UT2944) . Flash ROM Data flash RAM RL78/G14 30 pins 32 pins 36 pins 40 pins 192 KB 8 KB 20 KB — — — R5F104EH 128 KB 8 KB 16 KB R5F104AG R5F104BG R5F104CG R5F104EG 96 KB 8 KB 12 KB R5F104AF R5F104BF R5F104CF R5F104EF 64 KB 4 KB 5.5 KB Note R5F104AE R5F104BE R5F104CE R5F104EE 48 KB 4 KB 5.5 KB Note R5F104AD R5F104BD R5F104CD R5F104ED 32 KB 4 KB 4 KB R5F104AC R5F104BC R5F104CC R5F104EC 16 KB 4 KB 2.5 KB R5F104AA R5F104BA R5F104CA R5F104EA Flash ROM Data flash RAM RL78/G14 44 pins 48 pins 52 pins 64 pins 512 KB 8 KB 48 KB Note — R5F104GL — R5F104LL 384 KB 8 KB 32 KB — R5F104GK — R5F104LK 256 KB 8 KB 24 KB Note R5F104FJ R5F104GJ R5F104JJ R5F104LJ 192 KB 8 KB 20 KB R5F104FH R5F104GH R5F104JH R5F104LH 128 KB 8 KB 16 KB R5F104FG R5F104GG R5F104JG R5F104LG 96 KB 8 KB 12 KB R5F104FF R5F104GF R5F104JF R5F104LF 64 KB 4 KB 5.5 KB Note R5F104FE R5F104GE R5F104JE R5F104LE 48 KB 4 KB 5.5 KB Note R5F104FD R5F104GD R5F104JD R5F104LD 32 KB 4 KB 4 KB R5F104FC R5F104GC R5F104JC R5F104LC 16 KB 4 KB 2.5 KB R5F104FA R5F104GA — — Flash ROM Data flash RAM RL78/G14 80 pins 100 pins 512 KB 8 KB 48 KB Note R5F104ML R5F104PL 384 KB 8 KB 32 KB R5F104MK R5F104PK 256 KB 8 KB 24 KB Note R5F104MJ R5F104PJ 192 KB 8 KB 20 KB R5F104MH R5F104PH 128 KB 8 KB 16 KB R5F104MG R5F104PG 96 KB 8 KB 12 KB R5F104MF R5F104PF |