| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F101LE bảng dữ liệu(PDF) 159 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F101LE bảng dữ liệu(HTML) 159 Page - Renesas Technology Corp |
|
159 / 202 page ![]() RL78/G13 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 C) Page 159 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 CSI mode connection diagram (during communication at different potential) Vb Rb SOp SCK SI SIp SO Vb Rb RL78 microcontroller <Master> SCKp User device Remarks 1. Rb[ ]:Communication line (SCKp, SOp) pull-up resistance, Cb[F]: Communication line (SCKp, SOp) load capacitance, Vb[V]: Communication line voltage 2. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number , n: Channel number (mn = 00, 01, 02, 10, 12, 13), g: PIM and POM number (g = 0, 1, 4, 5, 8, 14) 3. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00)) 4. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. |