| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F101LE bảng dữ liệu(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F101LE bảng dữ liệu(HTML) 82 Page - Renesas Technology Corp |
|
82 / 202 page ![]() RL78/G13 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 C) Page 82 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 UART mode connection diagram (during communication at same potential) RL78 microcontroller TxDq RxDq Rx Tx User device UART mode bit width (during communication at same potential) (reference) Baud rate error tolerance High-/Low-bit width 1/Transfer rate TxDq RxDq Remarks 1. q: UART number (q = 0 to 3), g: PIM and POM number (g = 0, 1, 8, 14) 2. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13)) |