công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F101CE bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp

tên linh kiện R5F101CE
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CE bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp

Back Button R5F101CE Datasheet HTML 88Page - Renesas Technology Corp R5F101CE Datasheet HTML 89Page - Renesas Technology Corp R5F101CE Datasheet HTML 90Page - Renesas Technology Corp R5F101CE Datasheet HTML 91Page - Renesas Technology Corp R5F101CE Datasheet HTML 92Page - Renesas Technology Corp R5F101CE Datasheet HTML 93Page - Renesas Technology Corp R5F101CE Datasheet HTML 94Page - Renesas Technology Corp R5F101CE Datasheet HTML 95Page - Renesas Technology Corp R5F101CE Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 92 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(6) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
(TA =
40 to +85C, 1.8 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-
speed main)
Mode
LS (low-
speed main)
Mode
LV (low-
voltage
main) Mode
Parameter
Symbol
Conditions
MIN. MAX. MIN. MAX. MIN. MAX.
Unit
Note
1
Note
1
Note
1
bps
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
1.4 k
, Vb = 2.7
V
2.8
Note 2
2.8
Note 2
2.8
Note 2
Mbps
Note
3
Note
3
Note
3
bps
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
2.7 k
, Vb = 2.3
V
1.2
Note 4
1.2
Note 4
1.2
Note 4
Mbps
Notes
5, 6
Notes
5, 6
Notes
5, 6
bps
Transfer rate
Transmission
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
5.5 k
, Vb = 1.6
V
0.43
Note 7
0.43
Note 7
0.43
Note 7
Mbps
Notes 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 4.0 V
 EVDD0  5.5 V and 2.7 V  Vb  4.0 V
1
Maximum transfer rate =
[bps]
{
Cb × Rb × ln (1 
2.2
Vb )} × 3
1
Transfer rate
 2  {C
b
× Rb × ln (1
2.2
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.
This value as an example is calculated when the conditions described in the “Conditions” column are
met. Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com