công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PDA bảng dữ liệu(PDF) 209 Page - Renesas Technology Corp

tên linh kiện R5F104PDA
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA bảng dữ liệu(HTML) 209 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 205Page - Renesas Technology Corp R5F104PDA Datasheet HTML 206Page - Renesas Technology Corp R5F104PDA Datasheet HTML 207Page - Renesas Technology Corp R5F104PDA Datasheet HTML 208Page - Renesas Technology Corp R5F104PDA Datasheet HTML 209Page - Renesas Technology Corp R5F104PDA Datasheet HTML 210Page - Renesas Technology Corp R5F104PDA Datasheet HTML 211Page - Renesas Technology Corp R5F104PDA Datasheet HTML 212Page - Renesas Technology Corp R5F104PDA Datasheet HTML 213Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 209 / 213 page
background image
C - 1
RL78/G14 Datasheet
Rev.
Date
Description
Page
Summary
0.01
Feb 10, 2011
—
First Edition issued
0.02
May 01, 2011
1 to 2
1.1 Features revised
3
1.2 Ordering Information revised
4 to 13
1.3 Pin Configuration (Top View) revised
14
1.4 Pin Identification revised
15 to 17
1.5.1 30-pin products to 1.5.3 36-pin products revised
23 to 26
1.6 Outline of Functions revised
0.03
Jul 28, 2011
1
1.1 Features revised
1.00
Feb 21, 2012
1 to 40
1. OUTLINE revised
41 to 97
2. ELECTRICAL SPECIFICATIONS added
2.00
Oct 25, 2013
1
Modification of 1.1 Features
3 to 8
Modification of 1.2 Ordering Information
9 to 22
Modification of package type in 1.3 Pin Configuration (Top View)
34 to 43
Modification of description of subsystem clock in 1.6 Outline of Functions
34 to 43
Modification of description of timer output in 1.6 Outline of Functions
34 to 43
Modification of error of data transfer controller in 1.6 Outline of Functions
34 to 43
Modification of error of event link controller in 1.6 Outline of Functions
45, 46
Modification of description of Tables in 2.1 Absolute Maximum Ratings
47
Modification of Tables, notes, cautions, and remarks in 2.2 Oscillator
Characteristics
48
Modification of error of conditions of high level input voltage in 2.3.1 Pin
characteristics
49
Modification of error of conditions of low level output voltage in 2.3.1 Pin
characteristics
53 to 62
Modification of Notes and Remarks in 2.3.2 Supply current characteristics
65, 66
Addition of Minimum Instruction Execution Time during Main System Clock
Operation
67 to 69
Addition of AC Timing Test Points
70 to 97
Addition of LS mode and LV mode characteristics in 2.5.1 Serial array unit
98 to 101
Addition of LS mode and LV mode characteristics in 2.5.2 Serial interface IICA
102 to 105
Addition of characteristics about conversion of internal reference voltage and
temperature sensor in 2.6.1 A/D converter characteristics
107
Addition of characteristic in 2.6.4 Comparator
107
Deletion of detection delay in 2.6.5 POR circuit characteristics
109
Modification of 2.6.7 Power supply voltage rising slope characteristics
110
Modification of 2.7 Data Memory STOP Mode Low Supply Voltage Data
Retention Characteristics
110
Addition of characteristic in 2.8 Flash Memory Programming Characteristics
111
Addition of description in 2.10 Timing for Switching Flash Memory Programming
Modes
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com