công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PDA bảng dữ liệu(PDF) 178 Page - Renesas Technology Corp

tên linh kiện R5F104PDA
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA bảng dữ liệu(HTML) 178 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 174Page - Renesas Technology Corp R5F104PDA Datasheet HTML 175Page - Renesas Technology Corp R5F104PDA Datasheet HTML 176Page - Renesas Technology Corp R5F104PDA Datasheet HTML 177Page - Renesas Technology Corp R5F104PDA Datasheet HTML 178Page - Renesas Technology Corp R5F104PDA Datasheet HTML 179Page - Renesas Technology Corp R5F104PDA Datasheet HTML 180Page - Renesas Technology Corp R5F104PDA Datasheet HTML 181Page - Renesas Technology Corp R5F104PDA Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 178 of 208
Aug 12, 2016
3.6
Analog Characteristics
3.6.1
A/D converter characteristics
Note 1.
Excludes quantization error (±1/2 LSB).
Note 2.
This value is indicated as a ratio (%FSR) to the full-scale value.
Note 3.
When AVREFP < VDD, the MAX. values are as follows.
Overall error:
Add ±1.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error:
Add ±0.05%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/ Differential linearity error: Add ±0.5 LSB to the MAX. value when AVREFP = VDD.
Note 4.
Refer to 3.6.2 Temperature sensor characteristics/internal reference voltage characteristic.
Classification of A/D converter characteristics
Reference Voltage
Input channel
Reference voltage (+) = AVREFP
Reference voltage (-) = AVREFM
Reference voltage (+) = VDD
Reference voltage (-) = VSS
Reference voltage (+) = VBGR
Reference voltage (-)= AVREFM
ANI0 to ANI14
Refer to 3.6.1 (1).Refer to 3.6.1 (3).
Refer to 3.6.1 (4).
ANI16 to ANI20
Refer to 3.6.1 (2).
Internal reference voltage
Temperature sensor output voltage
Refer to 3.6.1 (1).—
(1)
When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (-) =
AVREFM/ANI1 (ADREFM = 1), target pin: ANI2 to ANI14, internal reference voltage, and temperature sensor
output voltage
(TA = -40 to +105°C, 2.4 V
≤ AVREFP ≤ VDD ≤ 5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP,
Reference voltage (-) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
810
bit
Overall error Note 1
AINL
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
1.2
±3.5
LSB
Conversion time
tCONV
10-bit resolution
Target pin: ANI2 to ANI14
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
μs
2.4 V
≤ VDD ≤ 5.5 V
17
39
μs
10-bit resolution
Target pin: Internal reference voltage,
and temperature sensor output volt-
age (HS (high-speed main) mode)
3.6 V
≤ VDD ≤ 5.5 V
2.375
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.5625
39
μs
2.4 V
≤ VDD ≤ 5.5 V
17
39
μs
Zero-scale error Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±0.25
%FSR
Full-scale error Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±0.25
%FSR
Integral linearity error Note 1
ILE
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±2.5
LSB
Differential linearity error Note 1
DLE
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±1.5
LSB
Analog input voltage
VAIN
ANI2 to ANI14
0
AVREFP
V
Internal reference voltage output
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VBGR Note 4
V
Temperature sensor output voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VTMPS25 Note 4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com