công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PDA bảng dữ liệu(PDF) 141 Page - Renesas Technology Corp

tên linh kiện R5F104PDA
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA bảng dữ liệu(HTML) 141 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 137Page - Renesas Technology Corp R5F104PDA Datasheet HTML 138Page - Renesas Technology Corp R5F104PDA Datasheet HTML 139Page - Renesas Technology Corp R5F104PDA Datasheet HTML 140Page - Renesas Technology Corp R5F104PDA Datasheet HTML 141Page - Renesas Technology Corp R5F104PDA Datasheet HTML 142Page - Renesas Technology Corp R5F104PDA Datasheet HTML 143Page - Renesas Technology Corp R5F104PDA Datasheet HTML 144Page - Renesas Technology Corp R5F104PDA Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 141 of 208
Aug 12, 2016
(Notes and Remarks are listed on the next page.)
(2)
Flash ROM: 96 to 256 KB of 30- to 100-pin products
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply cur-
rent Note 1
IDD2
Note 2
HALT mode
HS (high-speed main)
mode Note 7
fHOCO = 64 MHz,
fIH = 32 MHz Note 4
VDD = 5.0 V
0.79
4.86
mA
VDD = 3.0 V
0.79
4.86
fHOCO = 32 MHz,
fIH = 32 MHz Note 4
VDD = 5.0 V
0.49
4.17
VDD = 3.0 V
0.49
4.17
fHOCO = 48 MHz,
fIH = 24 MHz Note 4
VDD = 5.0 V
0.62
3.82
VDD = 3.0 V
0.62
3.82
fHOCO = 24 MHz,
fIH = 24 MHz Note 4
VDD = 5.0 V
0.4
3.25
VDD = 3.0 V
0.4
3.25
fHOCO = 16 MHz,
fIH = 16 MHz Note 4
VDD = 5.0 V
0.38
2.28
VDD = 3.0 V
0.38
2.28
HS (high-speed main)
mode Note 7
fMX = 20 MHz Note 3,
VDD = 5.0 V
Square wave input
0.30
2.65
mA
Resonator connection
0.40
2.77
fMX = 20 MHz Note 3,
VDD = 3.0 V
Square wave input
0.30
2.65
Resonator connection
0.40
2.77
fMX = 10 MHz Note 3,
VDD = 5.0 V
Square wave input
0.20
1.36
Resonator connection
0.25
1.46
fMX = 10 MHz Note 3,
VDD = 3.0 V
Square wave input
0.20
1.36
Resonator connection
0.25
1.46
Subsystem clock oper-
ation
fSUB = 32.768 kHz Note 5,
TA = -40°C
Square wave input
0.28
0.66
μA
Resonator connection
0.47
0.85
fSUB = 32.768 kHz Note 5,
TA = +25°C
Square wave input
0.34
0.66
Resonator connection
0.53
0.85
fSUB = 32.768 kHz Note 5,
TA = +50°C
Square wave input
0.37
2.35
Resonator connection
0.56
2.54
fSUB = 32.768 kHz Note 5,
TA = +70°C
Square wave input
0.61
4.08
Resonator connection
0.80
4.27
fSUB = 32.768 kHz Note 5,
TA = +85°C
Square wave input
1.55
8.09
Resonator connection
1.74
8.28
fSUB = 32.768 kHz Note 5,
TA = +105°C
Square wave input
6.00
51.00
Resonator connection
6.00
51.00
IDD3
Note 6
STOP mode
Note 8
TA = -40°C
0.19
0.57
μA
TA = +25°C
0.25
0.57
TA = +50°C
0.33
2.26
TA = +70°C
0.52
3.99
TA = +85°C
1.46
8.00
TA = +105°C
5.50
50.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com