| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F100GA bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GA bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 202 page ![]() RL78/G13 1. OUTLINE Page 2 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 ROM, RAM capacities RL78/G13 Flash ROM Data flash RAM 20 pins 24 pins 25 pins 30 pins 32 pins 36 pins 8 KB R5F100AG R5F100BG R5F100CG 128 KB 12 KB R5F101AG R5F101BG R5F101CG 8 KB R5F100AF R5F100BF R5F100CF 96 KB 8 KB R5F101AF R5F101BF R5F101CF 4 KB R5F1006E R5F1007E R5F1008E R5F100AE R5F100BE R5F100CE 64 KB 4 KB Note R5F1016E R5F1017E R5F1018E R5F101AE R5F101BE R5F101CE 4 KB R5F1006D R5F1007D R5F1008D R5F100AD R5F100BD R5F100CD 48 KB 3 KB Note R5F1016D R5F1017D R5F1018D R5F101AD R5F101BD R5F101CD 4 KB R5F1006C R5F1007C R5F1008C R5F100AC R5F100BC R5F100CC 32 KB 2 KB R5F1016C R5F1017C R5F1018C R5F101AC R5F101BC R5F101CC 4 KB R5F1006A R5F1007A R5F1008A R5F100AA R5F100BA R5F100CA 16 KB 2 KB R5F1016A R5F1017A R5F1018A R5F101AA R5F101BA R5F101CA RL78/G13 Flash ROM Data flash RAM 40 pins 44 pins 48 pins 52 pins 64 pins 80 pins 100 pins 128 pins 8 KB R5F100FL R5F100GL R5F100JL R5F100LL R5F100ML R5F100PL R5F100SL 512 KB 32 KB Note R5F101FL R5F101GL R5F101JL R5F101LL R5F101ML R5F101PL R5F101SL 8 KB R5F100FK R5F100GK R5F100JK R5F100LK R5F100MK R5F100PK R5F100SK 384 KB 24 KB R5F101FK R5F101GK R5F101JK R5F101LK R5F101MK R5F101PK R5F101SK 8 KB R5F100FJ R5F100GJ R5F100JJ R5F100LJ R5F100MJ R5F100PJ R5F100SJ 256 KB 20 KB Note R5F101FJ R5F101GJ R5F101JJ R5F101LJ R5F101MJ R5F101PJ R5F101SJ 8 KB R5F100EH R5F100FH R5F100GH R5F100JH R5F100LH R5F100MH R5F100PH R5F100SH 192 KB 16 KB R5F101EH R5F101FH R5F101GH R5F101JH R5F101LH R5F101MH R5F101PH R5F101SH 8 KB R5F100EG R5F100FG R5F100GG R5F100JG R5F100LG R5F100MG R5F100PG 128 KB 12 KB R5F101EG R5F101FG R5F101GG R5F101JG R5F101LG R5F101MG R5F101PG 8 KB R5F100EF R5F100FF R5F100GF R5F100JF R5F100LF R5F100MF R5F100PF 96 KB 8 KB R5F101EF R5F101FF R5F101GF R5F101JF R5F101LF R5F101MF R5F101PF 4 KB R5F100EE R5F100FE R5F100GE R5F100JE R5F100LE 64 KB 4 KB Note R5F101EE R5F101FE R5F101GE R5F101JE R5F101LE 4 KB R5F100ED R5F100FD R5F100GD R5F100JD R5F100LD 48 KB 3 KB Note R5F101ED R5F101FD R5F101GD R5F101JD R5F101LD 4 KB R5F100EC R5F100FC R5F100GC R5F100JC R5F100LC 32 KB 2 KB R5F101EC R5F101FC R5F101GC R5F101JC R5F101LC 4 KB R5F100EA R5F100FA R5F100GA 16 KB 2 KB R5F101EA R5F101FA R5F101GA Note The flash library uses RAM in self-programming and rewriting of the data flash memory. The target products and start address of the RAM areas used by the flash library are shown below. R5F100xD, R5F101xD (x = 6 to 8, A to C, E to G, J, L): Start address FF300H R5F100xE, R5F101xE (x = 6 to 8, A to C, E to G, J, L): Start address FEF00H R5F100xJ, R5F101xJ (x = F, G, J, L, M, P): Start address FAF00H R5F100xL, R5F101xL (x = F, G, J, L, M, P, S): Start address F7F00H For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for RL78 Family (R20UT2944). |