công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SABMB16 bảng dữ liệu(PDF) 3 Page - Advanced Linear Devices

tên linh kiện SABMB16
Giải thích chi tiết về linh kiện  SUPERCAPACITOR AUTO BALANCING PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALD [Advanced Linear Devices]
Trang chủ  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

SABMB16 bảng dữ liệu(HTML) 3 Page - Advanced Linear Devices

  SABMB16 Datasheet HTML 1Page - Advanced Linear Devices SABMB16 Datasheet HTML 2Page - Advanced Linear Devices SABMB16 Datasheet HTML 3Page - Advanced Linear Devices SABMB16 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SABMB16/SABMB810025/SABMB910025
Advanced Linear Devices, Inc.
3 of 4
SABMB8100XX/SABMB9100XX
SUPERCAPACITOR AUTO BALANCING PCB
maximizing any energy harvesting gathering efforts. The SAB
MOSFET would not become active until the supercapacitor is
already charged to over 90% of its max. rated voltage. The trickle
charging of supercapacitors with energy harvesting techniques
tends to work well with SAB MOSFETs as charge balancing
devices, as it is less likely to have high transient energy spurts
resulting in excessive voltage or current excursions.
If an energy harvesting source only provides a few µA of current,
the power budget does not allow wasting any of this current on
capacitor leakage currents and power dissipation of resistor or
operational amplifier based charge-balancing circuits. It may also
be important to reduce long term leakage currents, as energy
harvesting charging at low levels may take up to many days.
In summary, in order for an energy harvesting application to be
successful, the input energy harvested must exceed all the energy
required due to the leakages of the supercapacitors and the charge-
balancing circuits, plus any load requirements. With their unique
balancing characteristics and near-zero charge loss, SAB
MOSFETs are ideal devices for use in supercapacitor charge-
balancing in energy harvesting applications.
BATTERY POWERED APPLICATIONS
Many battery powered circuits that also require supercapacitor at
its output to boost power output can benefit from using SAB
MOSFETs for supercapacitor balancing. As previously described,
the additional power burn by using SAB MOSFETs for
supercapacitor stack balancing can be negative, meaning that
adding SAB MOSFETs can not only not burn extra power, but can
actually save supercapacitor leakage current and associated power
dissipation. Applications that depend on long life battery usage
must take into account the supercapacitor leakage current and
balancing circuit power burn because the currents involved are
steady state DC currents that are continuous throughout the lifetime
of the application and its battery life. The average power dissipation
of addition of SABMB16 board is zero, provided the selection of
the operating voltages and SAB MOSFETs are appropriate for the
leakage currents of the supercapacitors specified.
For more information on the CHARACTERISTICS OF
SUPERCAPACITOR AUTO BALANCING (SABª) MOSFETS,
please refer to the document:
ALD8100XX/ALD9100XX FAMILY of SUPERCAPACITOR AUTO
BALANCING (SABTM) MOSFET ARRAYS and individual datasheet
of each of the SAB MOSFETs.
SABMB16 PCB CONNECTION TO
SUPERCAPACITORS C1, C2, C3, C4
C1
C2
C3
C4
A
A
B
B
C
C
D
D
E
E
V
R
R
U
U
V
V
TO NEXT BOARD V
V TO NEXT BOARD V
C1
C2
C3
C4
A
A
B
B
C
C
D
D
E
E
V
R
R
U
U
V
V
TO NEXT BOARD V
V TO NEXT BOARD V
* Magnified, not to scale



Html Pages

1 2 3 4