công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XZM2CYK81FS bảng dữ liệu(PDF) 4 Page - SunLED Corporation

tên linh kiện XZM2CYK81FS
Giải thích chi tiết về linh kiện  Ideal for indication light on hand held products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNLED [SunLED Corporation]
Trang chủ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZM2CYK81FS bảng dữ liệu(HTML) 4 Page - SunLED Corporation

  XZM2CYK81FS Datasheet HTML 1Page - SunLED Corporation XZM2CYK81FS Datasheet HTML 2Page - SunLED Corporation XZM2CYK81FS Datasheet HTML 3Page - SunLED Corporation XZM2CYK81FS Datasheet HTML 4Page - SunLED Corporation XZM2CYK81FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part Number: XZM2CYK81FS
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
Sep 28,2016
XDSB7807 V4-X Layout: Maggie L.
P. 4/5
The device has a single mounting surface.
The device must be mounted according to
the specifications.
Reel Dimension
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4 5