công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT32F52230 bảng dữ liệu(PDF) 6 Page - Holtek Semiconductor Inc

tên linh kiện HT32F52230
Giải thích chi tiết về linh kiện  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 bảng dữ liệu(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 2Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Rev. 1.21
6 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
1 General Description
The HOLTEK HT32F52220/52230 devices are high performance, low power consumption 32-bit
microcontrollers based around an ARM® Cortex™-M0+ processor core. The Cortex™-M0+ is a
next-generation processor core which is tightly coupled with Nested Vectored Interrupt Controller
(NVIC), SysTick timer, and including advanced debug support.
The devices operate at a frequency of up to 40 MHz for HT32F52220/52230 with a Flash
accelerator to obtain maximum efficiency. It provides up to 32 KB of embedded Flash memory for
code/data storage and 4 KB of embedded SRAM memory for system operation and application
program usage. A variety of peripherals, such as ADC, I2C, USART, UART, SPI, GPTM, SCTM,
BFTM, WDT, SW-DP (Serial Wire Debug Port), etc., are also implemented in the device series.
Several power saving modes provide the flexibility for maximum optimization between wakeup
latency and power consumption, an especially important consideration in low power applications.
The above features ensure that the devices are suitable for use in a wide range of applications,
especially in areas such as white goods application control, power monitors, alarm systems,
consumer products, handheld equipment, data logging applications, motor control and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39