| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW7960U bảng dữ liệu(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SW7960U bảng dữ liệu(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd. |
|
2 / 6 page ![]() Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved. Aug. 2016. Rev. 2.0 2/6 SW7960U Electrical characteristic ( T C = 25 oC unless otherwise specified ) Symbol Parameter Test conditions Min. Typ. Max. Unit Off characteristics BV DSS Drain to source breakdown voltage V GS=0V, ID=250uA 60 V ΔBV DSS / ΔT J Breakdown voltage temperature coefficient I D=250uA, referenced to 25 oC 0.04 V/oC I DSS Drain to source leakage current V DS=60V, VGS=0V 1 uA V DS=48V, TC=125 oC 50 uA I GSS Gate to source leakage current, forward V GS=20V, VDS=0V 100 nA Gate to source leakage current, reverse V GS=-20V, VDS=0V -100 nA On characteristics V GS(TH) Gate threshold voltage V DS=VGS, ID=250uA 1.2 2.5 V R DS(ON) Drain to source on state resistance V GS=10V, ID=8A 14 17.5 m Ω V GS=4.5V, ID=8A 16 25 m Ω G fs Forward transconductance V DS=10V, ID=8A 15 S Dynamic characteristics C iss Input capacitance V GS=0V, VDS=15V, f=1MHz 2740 pF C oss Output capacitance 295 C rss Reverse transfer capacitance 274 t d(on) Turn on delay time V DS=30V, ID=8A, RG=25Ω, V GS=10V (note 4,5) 20 ns t r Rising time 65 t d(off) Turn off delay time 210 t f Fall time 110 Q g Total gate charge V DS=48V, VGS=10V, ID=8A (note 4,5) 58 nC Q gs Gate-source charge 9 Q gd Gate-drain charge 18 R g Gate resistance V DS=0V, Scan F mode 2.2 Ω Source to drain diode ratings characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit I S Continuous source current Integral reverse p-n Junction diode in the MOSFET 8 A I SM Pulsed source current 32 A V SD Diode forward voltage drop. I S=8A, VGS=0V 1.4 V t rr Reverse recovery time I S=8A, VGS=0V, dI F/dt=100A/us 28 ns Q rr Reverse recovery charge 21 nC ※. Notes 1. Repeatitive rating : pulse width limited by junction temperature. 2. L =18.4mH, I AS =8A, VDD=50V, RG=25Ω, Starting TJ = 25 oC 3. I SD ≤ 8A, di/dt = 100A/us, VDD ≤ BVDSS, Staring TJ =25 oC 4. Pulse Test : Pulse Width ≤ 300us, duty cycle ≤ 2%. 5. Essentially independent of operating temperature. |