| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT66F0082 bảng dữ liệu(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F0082 bảng dữ liệu(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 178 page ![]() Rev. 1.30 �0 De�e��e� 0�� �01� Rev. 1.30 �1 De�e��e� 0�� �01� HT66F0042/HT66F0082 A/D Flash MCU with EEPROM HT66F0042/HT66F0082 A/D Flash MCU with EEPROM LCD Electrical Characteristics Symbol Parameter Test Conditions Min. Typ. Max. Unit VDD Conditions IBIAS VDD/� Bias Cu��ent fo� LCD �V ISEL[1:0]=00 17.� ��.0 3�.� μA ISEL[1:0]=01 3� �0 �� μA ISEL[1:0]=10 70 100 130 μA ISEL[1:0]=11 140 �00 ��0 μA VSCOM VDD/� Voltage fo� LCD COM Po�t �.�V~�.�V No load 0.47� 0.�00 0.��� VDD Power on Reset Electrical Characteristics Ta=��°C Symbol Parameter Test Conditions Min. Typ. Max. Unit VDD Conditions VPOR VDD Sta�t Voltage to Ensu�e Powe�-on Reset — — — — 100 �V RRPOR VDD Rising Rate to Ensu�e Powe�-on Reset — — 0.03� — — V/�s tPOR Mini�u� Ti�e fo� VDD Stays at VPOR to Ensu�e Powe�-on Reset — — 1 — — �s VDD tPOR RRPOR VPOR Ti�e |